Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCA715STR Datasheet(PDF) 2 Page - Clare, Inc.

Part # LCA715STR
Description  Single Pole OptoMOS Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

LCA715STR Datasheet(HTML) 2 Page - Clare, Inc.

  LCA715STR Datasheet HTML 1Page - Clare, Inc. LCA715STR Datasheet HTML 2Page - Clare, Inc. LCA715STR Datasheet HTML 3Page - Clare, Inc. LCA715STR Datasheet HTML 4Page - Clare, Inc. LCA715STR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
2
LCA715
R02.4
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Absolute Maximum Ratings (@ 25˚ C)
Electrical Characteristcs
Parameter
Ratings
Units
Blocking Voltage
60
V
P
Reverse Input Voltage
5
V
Input Control Current
Peak (10ms)
50
mA
1
A
Input Power Dissipation
1501
mW
Total Power Dissipation
8002
mW
Isolation Voltage
Input to Output
3750
V
rms
Operational Temperature
-40 to +85
°C
Storage Temperature
-40 to +125
°C
Soldering Temperature
DIP Package
+260
°C
Surface Mount Package
(10 Seconds Max.)
+220
°C
1 Derate Linearly 1.33 mw/˚C
2 Derate Linearly 6.67 mw/˚C
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current
AC/DC Configuration
Continuous, Free Air
I
L
-
-
1.8
A
DC Configuration
Continuous, Free Air
I
L
-
-
2.1
A
Peak Load Current
10ms
I
LPK
-
-
10.0
A
On-Resistance
AC/DC Configuration
I
L=1A
R
ON
-
0.2
0.25
DC Configuration
I
L=1.8A
R
ON
-
0.1
0.15
Off-State Leakage Current
V
L=60V
I
LEAK
-
-
1
µA
Switching Speeds
Turn-On
I
F=10mA, VL=10V
T
ON
-
-
2.5
ms
Turn-Off
I
F=10mA, VL=10V
T
OFF
-
-
0.25
ms
Output Capacitance
50V; f=1MHz
-
-
220
-
pF
Input Characteristics @ 25°C
Input Control Current
I
L=1A
I
F
10
-
-
mA
Input Dropout Current
-
I
F
0.4
0.7
-
mA
Input Voltage Drop
I
F=10mA
V
F
0.9
1.2
1.4
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics @ 25°C
Input to Output Capacitance
-
C
I/O
-
3
-
pF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com