Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS2XP4AD01X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # DLS2XP4AD01X
Description  D-SUB Male 15pos. Solder pin straight stamped contacts
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

DLS2XP4AD01X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  DLS2XP4AD01X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
A
B
B
C
C
D
D
E
E
F
F
A
A
B
B
C
C
D
D
scale
/Maßstab:
04.12.2019
04.12.2019
Schmidt
Name
Lehmenkühler
R
dim. in mm
16K1A4183
dwg no /
Z.-nr.:
RoHS compliant/konform
Date/Datum
appd./
gepr..
drawn/
gez.
DIN-
A3
D-SUB Male 15pos. Solder pin straight
stamped contacts
D-SUB Stift 15pos. Lötstift geade
gestanzte Kontakte
2:1
Index:
a Original
Status:
InBearbeitung
1 / 1
DLS2XP4AD01X
CONEC ABC
33,3
`0,1
1
PCB hole drillings
(PCB top side)/
Leiterplattenbohrbild
(Leiterplatten Oberseite)
Technical specification/
Technische Daten:
Current rating/
Strombelastbarkeit:
Contact resistance/
Kontaktwiderstand:
Working voltage/
Betriebsspannung:
250 V AC max.
- 55 °C ... + 105 °C
15 mOhm max.
3 A max.
Temperature range/
Temperaturbereich:
Dielectric withstanding
voltage/
Spannungsfestigkeit:
1000 VAC / min.
Insulation resistance/
Isolationswiderstand:
3000 MOhm min. @ 500 V DC
Materials/
Werkstoffe:
Contact/
Kontakt:
Cu alloy,
Plating/Veredelung:
Underplate/Unterschicht:
50 µin Ni
Contact area/Kontaktbereich:
Gold flash
Solder tails area/Lötanschluss Bereich:
100 µin Sn - Lead free/Bleifrei
Insulator/
Isolierkörper:
Shell/
Gehäuse:
Thermal plastic UL 94 V-0
Steel, Nickel plated/
Stahl, vernickelt
Contact plating/
Kontakt Veredelung:
Part no. / Part marked/
Art.-Nr. / Bedruckung:
DLS2XP4AD01X
Gold flash over nickel
Gold über Nickel
Quality class/
Gütestufe:
3
25,25
`0,2
33,3
`0,2
39,2
`0,3
3,1
n
`0,3 (2x)
2,77
`0,2
27,7
`0,3
2,84
`0,2
2,77
`0,1
1,385
`0,1
3,1
n
`0,1


Similar Part No. - DLS2XP4AD01X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
DLS2XP4AA35X CONEC-DLS2XP4AA35X Datasheet
50Kb / 1P
D-SUB MALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS with threaded spacer clip
03.01.2007
DLS2XP4AA35X CONEC-DLS2XP4AA35X Datasheet
50Kb / 1P
D-SUB MALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS with threaded spacer clip
03.01.2007
DLS2XP4AA35X CONEC-DLS2XP4AA35X Datasheet
50Kb / 1P
D-SUB MALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS with threaded spacer clip
03.01.2007
DLS2XP4AA35X CONEC-DLS2XP4AA35X Datasheet
55Kb / 1P
D-SUB MALE 9-37pos. PCB STRAIGHT STAMPED CONTACTS with threaded spacer clip
03.01.2007
DLS2XP4AA37X CONEC-DLS2XP4AA37X Datasheet
63Kb / 1P
D-SUB MALE 9-37pos. with rear 5.8mm hex nut
15.11.2007
More results

Similar Description - DLS2XP4AD01X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
164A10329X CONEC-164A10329X Datasheet
265Kb / 1P
D-SUB Female 15pos. Solder pin straight
163A16749X CONEC-163A16749X Datasheet
865Kb / 6P
D-SUB HD MALE 15pos. SOLDER PIN STRAIGHT
10.04.2002
163A16799X CONEC-163A16799X Datasheet
293Kb / 1P
D-SUB HD Male 15pos. Solder pin straight with threaded insert
22.12.05
163A16849X CONEC-163A16849X Datasheet
272Kb / 1P
D-SUB HD Male 15pos. Solder pin straight with threaded insert
06.12.2017
301A10079X CONEC-301A10079X Datasheet
59Kb / 1P
D-SUB MALE 50pos. SOLDER CUP with stamped contacts
27.05.2003
301A10129X CONEC-301A10129X Datasheet
666Kb / 1P
D-SUB HD Male 15pos. solder cup stamped contacts
22.08.2022
301A10159X CONEC-301A10159X Datasheet
973Kb / 1P
D-SUB HD Male 62pos. solder cup stamped contacts
22.08.2022
301A11019X CONEC-301A11019X Datasheet
74Kb / 1P
D-SUB HD MALE 78pos. SOLDER CUP STAMPED CONTACTS
17.08.1998
302A10129X CONEC-302A10129X Datasheet
666Kb / 1P
D-SUB HD Female 15pos. solder cup stamped contacts
22.08.2022
DLS2XP4AG06X CONEC-DLS2XP4AG06X Datasheet
76Kb / 1P
D-SUB MALE 15pos. PCB STRAIGHT STAMPED CONTACTS with rear 3.8mm hex nut
30.11.2007
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com