Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAA140PL Datasheet(PDF) 1 Page - Clare, Inc.

Part # PAA140PL
Description  Dual Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PAA140PL Datasheet(HTML) 1 Page - Clare, Inc.

  PAA140PL Datasheet HTML 1Page - Clare, Inc. PAA140PL Datasheet HTML 2Page - Clare, Inc. PAA140PL Datasheet HTML 3Page - Clare, Inc. PAA140PL Datasheet HTML 4Page - Clare, Inc. PAA140PL Datasheet HTML 5Page - Clare, Inc. PAA140PL Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Part #
Description
PAA140L
8 Pin DIP (50/Tube)
PAA140PL
8 Pin Flatpack (50/Tube)
PAA140PLTR
8 Pin Flatpack (1000/Reel)
PAA140LS
8 Pin Surface Mount (50/Tube)
PAA140LSTR
8 Pin Surface Mount (1000/Reel)
PAA140L
Units
Load Voltage
400
V
Load Current
200
mA
Max R
ON
13
Ω
www.clare.com
DS-PAA140L-R1.0
PAA140L
Dual Pole OptoMOS® Relays
1
Applications
Features
Description
Approvals
Ordering Information
Pin Configuration
Switching Characteristics of
Normally Open (Form A) Devices
CONTROL
LOAD
10ms
10%
10%
90%
+
TON
TOFF
+
+
• Telecommunications
• Telecom Switching
• Tip/Ring Circuits
• Modem Switching (Laptop, Notebook, Pocket
Size)
• Hookswitch
• Dial Pulsing
• Ground Start
• Ringer Injection
• Instrumentation
• Multiplexers
• Data Acquisition
• Electronic Switching
• I/O Subsystems
• Meters (Watt-Hour, Water, Gas)
• Medical Equipment-Patient/Equipment Isolation
• Security
• Aerospace
• Industrial Controls
• Small 8 Pin DIP Package
• Low Drive Power Requirements (TTL/CMOS
Compatible)
• No Moving Parts
• High Reliability
• Arc-Free With No Snubbing Circuits
• 3750V
RMS Input/Output Isolation
• No EMI/RFI Generation
• Machine Insertable, Wave Solderable
• Surface Mount and Tape & Reel Versions Available
• Current Limiting
PAA140L is a 2-Form-A solid state relay which uses
optically coupled MOSFET technology to provide
3750V of input to output isolation. The efficient MOS-
FET switches and photovoltaic die use Clare’s
patented Optomos architecture. The optically-coupled
input is controlled by a highly efficient GaAIAs
infrared LED. The PAA140L also contains a built in
load current limiting feature. This combined with a
low on resistance and very high load current handling
capabilities makes it suitable for a variety of high per-
formance switching applications.
These products comply with the requirements of:
• UL 1577 (UL recognized file #E76270)
• CSA #14 (CSA certified file #LR43639)
• EN 60950
• IEC 950
• AS/NZS 3260
1
2
3
4
+ Control - Switch #1
– Control - Switch #1
+ Control - Switch #2
– Control - Switch #2
8
7
6
5
Load - Switch #1
AC/DC Configuration
Load - Switch #1
Load - Switch #2
Load - Switch #2
PAA140L Pinout


Similar Part No. - PAA140PL

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
PAA140P CLARE-PAA140P Datasheet
150Kb / 7P
Single Pole OptoMOS Relays
logo
IXYS Corporation
PAA140P IXYS-PAA140P Datasheet
132Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
logo
Littelfuse
PAA140P LITTELFUSE-PAA140P Datasheet
221Kb / 7P
400V, 250mA Dual Single-Pole
11/18/2025
logo
Clare, Inc.
PAA140PTR CLARE-PAA140PTR Datasheet
150Kb / 7P
Single Pole OptoMOS Relays
logo
IXYS Corporation
PAA140PTR IXYS-PAA140PTR Datasheet
132Kb / 7P
Dual Single-Pole, Normally Open OptoMOS Relays
More results

Similar Description - PAA140PL

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
LAA110 CLARE-LAA110 Datasheet
137Kb / 6P
Dual Pole OptoMOS Relays
LAA125 CLARE-LAA125 Datasheet
237Kb / 6P
DUAL POLE OptoMOS Relays
LCA210 CLARE-LCA210 Datasheet
201Kb / 6P
Dual Pole OptoMOS Relays
LAA110L CLARE-LAA110L Datasheet
149Kb / 7P
Dual Pole OptoMOS Relays
LAA710 CLARE-LAA710 Datasheet
181Kb / 6P
Dual Pole OptoMOS Relays
LCA210L CLARE-LCA210L Datasheet
230Kb / 6P
Dual Pole OptoMOS Relays
PAA132 CLARE-PAA132 Datasheet
281Kb / 6P
Dual Pole OptoMOS Relays
PAA193 CLARE-PAA193 Datasheet
1Mb / 5P
Dual Pole OptoMOS Relays
logo
IXYS Corporation
LAA100L IXYS-LAA100L_12 Datasheet
132Kb / 7P
Dual Single-Pole OptoMOS Relays
PAA193 IXYS-PAA193 Datasheet
122Kb / 7P
Dual Pole OptoMOS Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com