Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAA140LS Datasheet(PDF) 3 Page - Clare, Inc.

Part # PAA140LS
Description  Dual Pole OptoMOS Relays
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PAA140LS Datasheet(HTML) 3 Page - Clare, Inc.

  PAA140LS Datasheet HTML 1Page - Clare, Inc. PAA140LS Datasheet HTML 2Page - Clare, Inc. PAA140LS Datasheet HTML 3Page - Clare, Inc. PAA140LS Datasheet HTML 4Page - Clare, Inc. PAA140LS Datasheet HTML 5Page - Clare, Inc. PAA140LS Datasheet HTML 6Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PAA140L
www.clare.com
3
Rev 1.0
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please contact our application
department.
PAA140L
Typical LED Forward Voltage Drop
(N=50 Ambient Temperature = 25
°C; IF = 5mADC)
35
30
25
20
15
10
5
0
1.17
1.19
1.21
1.23
1.25
LED Forward Voltage Drop (V)
PAA140L
Typical On-Resistance Distribution
(N=50 Ambient Temperature = 25
°C)
(Load Current = 200mADC, IF = 5mADC)
35
30
25
20
15
10
5
0
5.38
6.08
6.78
5.03
5.73
6.43
7.13
On-Resistance (
Ω)
PAA140L
Typical Blocking Voltage Distribution
(N=50 Ambient Temperature = 25
°C)
35
30
25
20
15
10
5
0
430
454
478
502
442
466
490
Blocking Voltage (V)
PAA140L
Typical IF for Switch Operation
(N=50 Ambient Temperature = 25
°C)
(Load Current = 200mADC)
2.1
3.3
4.5
1.5
2.7
3.9
5.1
LED Current (mA)
25
20
15
10
5
0
PAA140L
Typical IF for Switch Dropout
(N=50 Ambient Temperature = 25
°C)
(Load Current = 200mADC)
25
20
15
10
5
0
1.5
2.7
3.9
0.9
2.1
3.3
4.5
LED Current (mA)
PAA140L
Typical Turn-On Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 200mADC; IF = 5mADC)
0.65
1.17
1.69
1.95
0.39
0.91
1.43
Turn-On (ms)
25
20
15
10
5
0
PAA140L
Typical Turn-Off Time
(N=50 Ambient Temperature = 25
°C)
(Load Current = 200mADC; IF = 5mADC)
0.078
0.054
0.030
0.066
0.090
0.042
0.018
Turn-Off (ms)
25
20
15
10
5
0
PAA140L
Typical Maximum Load
Current vs. Temperature
Temperature (
°C)
300
250
200
150
100
50
-40
-20
0
20
40
60
80
120
100
I =10mA
F
I =5mA
F
I =10mA
F
I =5mA
F
One Pole Operating
Two Poles Operating
PAA140L
Typical Leakage vs. Temperature
(Measured across Pins 5 & 6 or 7 & 8)
Temperature (
°C)
-40
0.12
0.10
0.08
0.06
0.04
0.02
0
-20
0
20
40
60
80
100
PAA140L
Typical Blocking Voltage vs. Temperature
Temperature (
°C)
-40
485
480
475
470
465
460
455
450
445
-20
0
20
40
60
80
100
PAA140L
Typical Turn-On vs. Temperature
(Load Current = 250mADC)
Temperature (
°C)
-40
2.50
2.00
1.50
1.00
0.50
0
-20
0
20
40
60
80
100
5mA
10mA
20mA
PAA140L
Typical Turn-Off vs. Temperature
(Load Current = 250mADC)
Temperature (
°C)
-40
0.07
0.06
0.05
0.04
0.03
0.02
0.01
0
-20
0
20
40
60
80
100
5mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com