Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3106 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB3106
Description  Micro USB Receptacle, Type A/B, Vertical, Through Hole with 2.30mm (Standard) Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3106 Datasheet(HTML) 1 Page - Global Connector Technology

  USB3106 Datasheet HTML 1Page - Global Connector Technology USB3106 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Materials
Plastic Housing: LCP, UL 94V-0, Black,
Contact Terminal: Copper Alloy
Metallic Shell: Stainless Steel SUS304-1/2H T=0.25mm
Plating
Underplating: Nickel 50µ" min.
Plating:
Contact Area: 30µ" Gold plating
Solder Tails: Gold Flash
Metallic Shell: Nickel
Electrical
Voltage Rating: 30V
Current Rating: Signal (Pins 2,3,4): 1.0 A.
Power (Pins 1,5): 1.8A.
Operating Temperature: -55°C to +85°C.
Contact Resistance: 30 mΩ max.
Insulating Resistance: 1000 MΩ min.
Dielectric Withstand Voltage: 100V AC for 1 minute
Mechanical & Environmental
Mating Force: 35N max.
Unmating Force: Initial 10N min.
Final 8N min after durability test.
Durability: 10,000 Cycles
Designed to comply with physical, electrical and environmental
requirements of Micro USB Standard (USB2.0)
A/B types support USB On-The-GO (OTG) interface.
Ordering Grid
Contact Plating
30 = 30µ" Gold
USB3106
30
A
Packing Options
A = Tape & Reel
(1,500 Pieces per Reel)
0230
Shell Stake Length "S"
0230 = 2.30mm
(recommended for 1.6mm PCB thickness)
6.90
6.20
3.50
4.75
7.15
2.60
0.25
5.30
0.65
7.96
0.25±0.05
2.60
0.65
Pin 1
Pin 5
7.15
2.60
0.65
0.35
135
2
4
If you seek shorter shell stakes for use with
PCB thickness 1.00mm (.039”), see USB3105.
Request Samples
and Quotation
Recommended PCB Layout
As viewed from component side General Tolerance: ±0.05
1.30
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.35
X.XX ± 0.25
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
1/2
USB3106
Micro USB Receptacle, Type A/B, Vertical, Through Hole
with 2.30mm (Standard) Shell Stakes
CC
USB3106
B PCN
B4
By
Detail
Revision
Part Number
Drawing Date
28th October 2013
25/08/17
Date
www.gct.co


Similar Part No. - USB3106

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3106 GCT-USB3106 Datasheet
151Kb / 6P
Micro USB Receptacle, Type A/B, Vertical, Through-Hole with 2.30mm (Standard) Shell Stakes
03/12/13 Rev A
USB3106-30-0230-A GCT-USB3106-30-0230-A Datasheet
151Kb / 6P
Micro USB Receptacle, Type A/B, Vertical, Through-Hole with 2.30mm (Standard) Shell Stakes
03/12/13 Rev A
USB3106 GCT-USB3106_V01 Datasheet
151Kb / 6P
Micro USB Receptacle, Type A/B, Vertical, Through-Hole with 2.30mm (Standard) Shell Stakes
03/12/13 Rev A
More results

Similar Description - USB3106

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB3105-30-A ETC-USB3105-30-A Datasheet
240Kb / 2P
USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
logo
Global Connector Techno...
USB3130 GCT-USB3130 Datasheet
184Kb / 2P
Micro USB Receptacle, Type B, Through-Hole, Vertical, With 1.5mm Through-Hole Shell Stakes
21st October 2011
USB3131 GCT-USB3131 Datasheet
225Kb / 2P
Micro USB Receptacle, Type B, Through-Hole, Vertical, With 2.30mm (Standard) Shell Stakes
28th October 2013
USB3140 GCT-USB3140 Datasheet
253Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2013
USB3145 GCT-USB3145 Datasheet
268Kb / 2P
Micro USB Receptacle, Type B, Through Hole, Vertical, With Through Hole Shell Stakes
2nd April 2013
USB3150 GCT-USB3150 Datasheet
152Kb / 2P
Micro USB Plug - Type B, Through-Hole Vertical, with Shell Stakes and Locating Pegs
30th April 2015
USB3160 GCT-USB3160 Datasheet
176Kb / 2P
Micro USB Receptacle, Type B,Surface Mount, Vertical, With Locating Peg & Through-Hole Shell Stakes
2nd November 2016
USB3180 GCT-USB3180 Datasheet
267Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2020
USB1040 GCT-USB1040 Datasheet
204Kb / 2P
USB Receptacle, Type A, 4 Pin, Through Hole, Vertical, With Kinked Shell Stakes
14th February 2011
USB3105 GCT-USB3105 Datasheet
197Kb / 2P
Micro USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
4th April 2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com