Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3140 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB3140
Description  Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3140 Datasheet(HTML) 1 Page - Global Connector Technology

  USB3140 Datasheet HTML 1Page - Global Connector Technology USB3140 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications
Material
Plastic Housing: LCP, UL94V-0, Black
Contact Terminal: Copper Alloy
Metallic Shell: Stainless Steel T=0.25mm.
Plating
Contact Terminal:
Contact Area:30µ" Gold
Solder Tails: Gold Flash
Underplating: 50µ" Nickel
Metallic Shell: Matte Tin over 50µ" Nickel
Electrical
Voltage Rating: 30 V AC
Current Rating: Signal (Pins 2,3,4): 1.0 A.
Power (Pins1,5): 1.8A.
Operating Temperature: -25°C to +85°C.
Contact Resistance: 30mΩ max.
Insulating Resistance: 1000MΩ min.
Dielectric Withstand Voltage: 500V AC/minute
Mechanical & Environmental
Mating Force: 35N max.
Unmating Force:Initial 10N min
Final 8N min after durability test
Durability: 10,000 Cycles
Recommended PCB Layout
As viewed from component side General tolerance: ±0.05
Solder Area
Component Outline
Ø2
.50
(re
f)
Pick & place area
Pick & place cap
Section A-A
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.±0.50
X.X ± 0.30
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
1/2
USB3140
Micro USB Receptacle, Type B,
Surface Mount, Vertical, with Through-Hole Shell Stakes
CC
USB3140
E PCN
E3
By
Detail
Revision
Part Number
Drawing Date
2nd April 2013
04/05/21
Date
X.X° ± 2°
PCB Mount &Cap Information
LOGO Area
(3.40)
6.90+0.06
-0.02
PIN 5
Pin 1
R0
.25
3.50Max
7.15
0.25
1.8
11.0
Cap
A
A
3.50±0.10
2.70+0.05
-0.08
0.05±0.05
0.10
5.3
0.2
3.2
Ordering Grid
Contact Plating
30 = 30
µ" Gold
USB3140
30
XXXX
Shell Stake Length "S"
0070 = 0.70mm
0140 = 1.40mm
0170 = 1.70mm
0230 = 2.30mm
X
C
Packing Options
C = Tape & Reel with Cap
(500 per reel)
Mating Entry Face
1 = With Mating Entry Face (Standard)
0 = Without Mating Entry Face
Designed to comply with physical, electrical
and environmental requirements of Micro
USB Standard (USB2.0)
Request Samples
and Quotation
2.60±0.10
1.30±0.10
5x 0.30±0.10
7.80
6.85
5.55
Optional Mating
Entry faces
4.75±0.10
1.10
6.00
0.60
7.15
2.60
0.65
0.40
1.40
Pin 1
Pin 5
www.gct.co
S=0.70mm
S=1.40, 1.70, 2.30mm
Detail A
Detail A
Scale 2:1
0.05
0.05
S=0.70mm S=1.40mm
Detail B
Detail B
S=1.70, 2.30mm
0.20
0.20
0.20


Similar Part No. - USB3140

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3145 GCT-USB3145 Datasheet
268Kb / 2P
Micro USB Receptacle, Type B, Through Hole, Vertical, With Through Hole Shell Stakes
2nd April 2013
More results

Similar Description - USB3140

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB3105-30-A ETC-USB3105-30-A Datasheet
240Kb / 2P
USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
logo
Global Connector Techno...
USB3106 GCT-USB3106 Datasheet
189Kb / 2P
Micro USB Receptacle, Type A/B, Vertical, Through Hole with 2.30mm (Standard) Shell Stakes
28th October 2013
USB3130 GCT-USB3130 Datasheet
184Kb / 2P
Micro USB Receptacle, Type B, Through-Hole, Vertical, With 1.5mm Through-Hole Shell Stakes
21st October 2011
USB3131 GCT-USB3131 Datasheet
225Kb / 2P
Micro USB Receptacle, Type B, Through-Hole, Vertical, With 2.30mm (Standard) Shell Stakes
28th October 2013
USB3145 GCT-USB3145 Datasheet
268Kb / 2P
Micro USB Receptacle, Type B, Through Hole, Vertical, With Through Hole Shell Stakes
2nd April 2013
USB3150 GCT-USB3150 Datasheet
152Kb / 2P
Micro USB Plug - Type B, Through-Hole Vertical, with Shell Stakes and Locating Pegs
30th April 2015
USB3160 GCT-USB3160 Datasheet
176Kb / 2P
Micro USB Receptacle, Type B,Surface Mount, Vertical, With Locating Peg & Through-Hole Shell Stakes
2nd November 2016
USB3180 GCT-USB3180 Datasheet
267Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2020
USB1040 GCT-USB1040 Datasheet
204Kb / 2P
USB Receptacle, Type A, 4 Pin, Through Hole, Vertical, With Kinked Shell Stakes
14th February 2011
USB3105 GCT-USB3105 Datasheet
197Kb / 2P
Micro USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
4th April 2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com