Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3160 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB3160
Description  Micro USB Receptacle, Type B,Surface Mount, Vertical, With Locating Peg & Through-Hole Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3160 Datasheet(HTML) 1 Page - Global Connector Technology

  USB3160 Datasheet HTML 1Page - Global Connector Technology USB3160 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5.85
6.36
2.60
1.30
5x 0.45
2.40
2.80
2x
Ø0
.85
2x Ø
1.25
Specifications
Material
Plastic Housing: High Temp Plastic , UL94V-0, Black
Contact Terminal: Copper Alloy
Metallic Shell: Stainless Steel.
Plating
Underplating: 50µ" Nickel min
Finish: Contact Area: 30µ" Gold
Solder Tails: Gold Flash
Metallic Shell: Matte Tin
Electrical
Voltage Rating : 30 V AC
Current Rating: Signal (Pins 2,3,4): 1.0 A.
Power (Pins1,5): 2.8A.
Operating Temperature: -30°C to +85°C.
Contact Resistance: 30m
Ω max.
Insulating Resistance: 1000M
Ω min.
Dielectric Withstand Voltage: 100V AC/minute
Mechanical & Environmental
Mating Force: 35N max.
Unmating Force: 8N min.
Durability: 10,000 Cycles
Recommended PCB Layout
As viewed from component side General tolerance: ±0.05
Solder Area
Component Outline
Mating View
Designed to comply with physical, electrical
and environmental requirements of Micro
USB Standard (USB2.0)
Pin1
Pin5
5.85
Ø0
.65
±0.0
4
Ø0
.50
±0
.04
2.00
6.90+0.06
-0.02
3.50
Pin1
Pin5
2.60±0.08
1.30±0.08
5x 0.30±0.08
0.10
Optional Mating
Entry Faces
8.00
1.75
5.30
Cap
0.6
PCB Mount & Cap Information
3.2
11.00
7.50
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X. ± 0.50
X.X ± 0.30
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/2
USB3160
Micro USB Receptacle, Type B,Surface Mount, Vertical,
With Locating Peg & Through-Hole Shell Stakes
CC
C3
By
Detail
Revision
Part Number
Drawing Date
2nd November 2016
31/12/21
Date
± 2°
USB3160
C PCN
Ordering Grid
Contact Plating
30 = 30
µ" Gold
USB3160
30
XXXX
Shell Stake Length "S"
0070 = 0.60mm
0120 = 1.10mm (recommended for 0.80mm PCB)
0170 = 1.60mm (recommended for 1.00mm PCB)
X
C
Packing Options
C = Tape & Reel with Cap
(500 per reel)
Mating Entry Face
1 = With Mating Entry Face
0 = Without Mating Entry Face
Request Samples
and Quotation
Optional Mating
Entry Faces
www.gct.co
*
*
Dimensions only applicable to parts
with an optional mating entry face
*
*


Similar Part No. - USB3160

ManufacturerPart #DatasheetDescription
logo
Coolgear Inc.
USB316U1-BRKT COOLGEAR-USB316U1-BRKT Datasheet
444Kb / 2P
Spare Brackets for USB3-16U1
More results

Similar Description - USB3160

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB3105-30-A ETC-USB3105-30-A Datasheet
240Kb / 2P
USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
logo
Global Connector Techno...
USB3106 GCT-USB3106 Datasheet
189Kb / 2P
Micro USB Receptacle, Type A/B, Vertical, Through Hole with 2.30mm (Standard) Shell Stakes
28th October 2013
USB3130 GCT-USB3130 Datasheet
184Kb / 2P
Micro USB Receptacle, Type B, Through-Hole, Vertical, With 1.5mm Through-Hole Shell Stakes
21st October 2011
USB3131 GCT-USB3131 Datasheet
225Kb / 2P
Micro USB Receptacle, Type B, Through-Hole, Vertical, With 2.30mm (Standard) Shell Stakes
28th October 2013
USB3140 GCT-USB3140 Datasheet
253Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2013
USB3145 GCT-USB3145 Datasheet
268Kb / 2P
Micro USB Receptacle, Type B, Through Hole, Vertical, With Through Hole Shell Stakes
2nd April 2013
USB3150 GCT-USB3150 Datasheet
152Kb / 2P
Micro USB Plug - Type B, Through-Hole Vertical, with Shell Stakes and Locating Pegs
30th April 2015
USB3180 GCT-USB3180 Datasheet
267Kb / 2P
Micro USB Receptacle, Type B, Surface Mount, Vertical, with Through-Hole Shell Stakes
2nd April 2020
USB3080 GCT-USB3080 Datasheet
228Kb / 2P
Micro USB Receptacle, TYPE B, SMT, R/A, Bottom Mount, Optional Peg, With Shell Stakes
04th April 2011
USB3105 GCT-USB3105 Datasheet
197Kb / 2P
Micro USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
4th April 2011
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com