Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3500 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB3500
Description  Micro USB Type B Receptacle,Mid-Mount,IP67
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3500 Datasheet(HTML) 1 Page - Global Connector Technology

  USB3500 Datasheet HTML 1Page - Global Connector Technology USB3500 Datasheet HTML 2Page - Global Connector Technology USB3500 Datasheet HTML 3Page - Global Connector Technology USB3500 Datasheet HTML 4Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
9.70
8.30
4.10
2.60
0.65
0.45
0.70
1.20
6.90+0.10
-0.02
2.60±0.08
1.30±0.08
5x 0.30±0.08
3.50
R0.25
7.90
9.55
9.70
3.50
0.08
No5
No1
PCB EDGE
No5
No1
A
A
Pick&Place Area
R0.25±0.15
Recommended PCB Layout
As viewed from component side
Tolerance:±0.03mm
Recommended PCB Thickness: 0.60mm
Component Outline
Solder Area
Specifications
Material
Insulator: High Temp. Plastic UL 94V-0, Black
Contact:Copper Alloy
Shell(including pegs):Stainless Steel
Plating
Contact: 30µ" Gold
Shell: 50µ"-80µ" Nickel over all
Electrical
Current Rating: Signal (Pins 2,3,4): 1.0A
Power (Pins 1,5): 1.8A
Voltage Rating: 30V AC
Contact Resistance: 30mΩ max.
Dielectric Withstanding Voltage: 100V AC
Insulation Resistance: 1000MΩ min. 100V DC
Mechanical & Environmental
Operating Temperature: -30°C to +85°C
Mating Force: 35N max.
Unmated Force: 8N to 25N
Durability: 10,000 cycles
Ingress Protection Rating: IP67
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X. ± 0.50
X.X ± 0.30
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/4
USB3500
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
16th January 2019
Date
± 1°
Micro USB Type B Receptacle,Mid-Mount,IP67
A2
20/12/19
www.gct.co
Ordering Grid
Request Samples
and Quotation
USB3500
A
Packing Options
A = Tape & Reel
(1,000 per reel)
30
Contact Plating
30 = 30µ" Gold
Section A-A
10.30
4x Ø0.60
Ø3.00


Similar Part No. - USB3500

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB3500 SMSC-USB3500 Datasheet
749Kb / 46P
Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
logo
Microchip Technology
USB3500 MICROCHIP-USB3500 Datasheet
792Kb / 45P
Hi-Speed USB Host, Device or OTG PHY
07/14/15
logo
SMSC Corporation
USB3500-ABZJ SMSC-USB3500-ABZJ Datasheet
749Kb / 46P
Hi-Speed USB Host, Device or OTG PHY With UTMI Interface
More results

Similar Description - USB3500

ManufacturerPart #DatasheetDescription
logo
FCI connector
10103593 FCI-CONNECTOR-10103593 Datasheet
203Kb / 1P
MICRO-USB B-TYPE MID-MOUNT
10104110 FCI-CONNECTOR-10104110 Datasheet
132Kb / 1P
MICRO USB B TYPE RECEPTACLE
10118192 FCI-CONNECTOR-10118192 Datasheet
77Kb / 1P
MICRO USB B TYPE RECEPTACLE
10118194 FCI-CONNECTOR-10118194 Datasheet
79Kb / 1P
MICRO USB B TYPE RECEPTACLE
10118194-0001LF FCI-CONNECTOR-10118194-0001LF Datasheet
79Kb / 1P
MICRO USB B TYPE RECEPTACLE
10118193 FCI-CONNECTOR-10118193 Datasheet
78Kb / 1P
MICRO USB B TYPE RECEPTACLE
logo
Kycon, Inc.
KMMLX KYCON-KMMLX Datasheet
424Kb / 1P
B Type Mid-Mount Micro USB
logo
Global Connector Techno...
USB3155 GCT-USB3155 Datasheet
185Kb / 2P
Micro USB Receptacle, Type B SMT, Horizontal, Mid-Bottom Mount
9th April 2015
USB3505 GCT-USB3505 Datasheet
249Kb / 4P
Micro USB Type B Receptacle,Top-Mount,IP67
6th September 2019
logo
Molex Electronics Ltd.
SD-105017-001 MOLEX-SD-105017-001 Datasheet
178Kb / 2P
MICRO USB BOTTOM MOUNT RECEPTACLE, B TYPE
2008.01.23
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com