Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3505 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB3505
Description  Micro USB Type B Receptacle,Top-Mount,IP67
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3505 Datasheet(HTML) 2 Page - Global Connector Technology

  USB3505 Datasheet HTML 1Page - Global Connector Technology USB3505 Datasheet HTML 2Page - Global Connector Technology USB3505 Datasheet HTML 3Page - Global Connector Technology USB3505 Datasheet HTML 4Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X. ± 0.50
X.X ± 0.30
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
2/4
USB3505
CC
USB3505
B PCN
By
Detail
Revision
Part Number
Drawing Date
6th September 2019
Date
± 1°
Micro USB Type B Receptacle,Top-Mount,IP67
B2
22/06/22
www.gct.co
7.10
R0.30
90°
8.85
Recomended Waterproof Gasket Spec
Gasket Part No.: USBTJ-02
(Gasket must be ordered separately)
(See separate datasheet for specification)
Recommended Panel Spec
Tolerance:±0.05mm
9.80
8.20
R0
.65
R0.35
7.10
1.00
1.50
C 0.20
0.50
Panel
(Suggest compression 40-50% of gasket thickness)
0.40mm Min gasket compression
between panel and shell
0.60



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com