Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4050 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB4050
Description  USB Type C Receptacle Hybrid type, PCB Mid Mount, 1.00mm Offset
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4050 Datasheet(HTML) 2 Page - Global Connector Technology

  USB4050 Datasheet HTML 1Page - Global Connector Technology USB4050 Datasheet HTML 2Page - Global Connector Technology USB4050 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
12.15
5.50
0.50
0.35
7.45
0.80
1.60
2.40
3.20
4.80
6.10
9.00
9.50
4x 1.00
4x 0.50
0.90
0.50
1.00
Ø0
.6
5
1.15
A1
A12
B12
B1
B11
B10
B8
B7
B6
B5
B4
B3
B2
B9
PCB Edge
Recommended PCB Layout
As viewed from component side
Tolerance:±0.05mm
Recommended PCB Thickness: 0.60mm
Component Outline
Solder Area
Mating View
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X. ± 0.50
X.X ± 0.30
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
2/3
USB4050
CC
USB4050
B PCN
By
Detail
Revision
Part Number
Drawing Date
21st April 2016
Date
± 2°
USB Type C Receptacle
Hybrid type, PCB Mid Mount, 1.00mm Offset
B
04/09/17
www.gct.co



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com