Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4055 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB4055
Description  USB Type C Receptacle Hybrid type, PCB Top Mount.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4055 Datasheet(HTML) 1 Page - Global Connector Technology

  USB4055 Datasheet HTML 1Page - Global Connector Technology USB4055 Datasheet HTML 2Page - Global Connector Technology USB4055 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
A
A
9.00±0.10
8.34+0.06
-0.02
T=0.20
A1
A12
B1
B12
9.20
0.70
1.37+0.05
-0.10
1.62+0.05
-0.10
0.15
6.69+0.045
-0.055
12x 0.28±0.04
2x 0.25±0.025
2x C 0.3±0.05X0.75±0.05
1.75
0.50
3.40±0.05
B
B
7.45
9.00
5.50
12x 0.28
0.50
6.10
4.80
3.20
2.40
1.60
0.80
Ø0.60
12x 0.28
9.65+0.25
-0.10
3.76
4x R
0.85
6.05+0.35
-0.05
A12
A1
B12
B11 B10
B9
B8
B7
B6
B5
B4
B3
B2
B1
XXXXXX
Section B-B
Section A-A
Detail A
Pin
Signal
Mating
Sequence
A1
GND
First
A2
SSTXp1
Second
A3
SSTXn1
Second
A4
VBUS
First
A5
CC1
Second
A6
Dp1
Second
A7
Dn1
Second
A8
SBU1
Second
A9
VBUS
First
A10
SSRXn2
Second
A11
SSRXp2
Second
A12
GND
First
SHELL
GND
Pin
Signal
Mating
Sequence
B12
GND
First
B11
SSRXp1
Second
B10
SSRXn1
Second
B9
VBUS
First
B8
SBU2
Second
B7
Dn2
Second
B6
Dp2
Second
B5
CC2
Second
B4
VBUS
First
B3
SSTXn2
Second
B2
SSTXp2
Second
B1
GND
First
SHELL
GND
Ordering Grid
Request Samples
and Quotation
USB4055
A
Packing Options
A = Tape & Reel
(700 per reel)
30
Contact Plating
30 = 30µ" Gold
2x 1.00
4.10
1.50
2x 0.80
7.75
0.75
Specifications
Material
Insulator: High Temp. Plastic UL 94V-0, Black
Contact: High Grade Copper Alloy (T=0.15mm)
Shell: Stainless steel (T=0.20mm)
Cover Shell: Iron (T=0.20mm)
Inner Ground Cover Shell: Stainless Steel (T=0.10mm)
Mid Plate:Stainless Steel (T=0.10mm)
Plating
Contact: 30µ" Gold over 50µ" min. Nickel
Solder Tails: 80µ" min. Matte Tin over 50µ" min. Nickel
Shell: 50µ" min. Nickel
Cover Shell: 80µ" min. Nickel
Inner Ground Cover Shell: 50µ" min. Nickel
Electrical
Current Rating:
5.00A collectively for VBUS pins
6.25A collectively for GND pins
1.25A for B5 pin
0.25A per pin for all other pins
Voltage Rating: 20V DC
Contact Resistance: 40mΩ max initial.
50mΩ max after test
Dielectric Withstanding Voltage: 100V AC
Insulation Resistance 100MΩ min
Mechanical & Environmental
Operating Temperature: -40°C to 85°C
Mating Force: 5 to 20 N.
Unmated Force: 8 to 20 N after test
Durability: 10,000 cycles
Detail A
Ø2.50
Date
Code
Pick P
lace
GCT USB4055 is designed and manufactured to be compatible with
USB Type C specification latest release. Compliance testing for products
conforming to the USB type-C cable and connector specification are
currently under development by the USB-IF.
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X. ± 0.50
X.X ± 0.30
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
1/3
USB4055
USB Type C Receptacle
Hybrid type, PCB Top Mount.
CC
USB4055
B PCN
B
By
Detail
Revision
Part Number
Drawing Date
21st April 2016
04/09/17
Date
± 2°
www.gct.co


Similar Part No. - USB4055

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB4050 GCT-USB4050 Datasheet
245Kb / 3P
USB Type C Receptacle Hybrid type, PCB Mid Mount, 1.00mm Offset
21st April 2016
USB4056 GCT-USB4056 Datasheet
197Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Horizontal, Hybrid type, PCB Top Mount.
05/08/21
USB4056-03-A GCT-USB4056-03-A Datasheet
197Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Horizontal, Hybrid type, PCB Top Mount.
05/08/21
More results

Similar Description - USB4055

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
USB4105-GF-A ETC-USB4105-GF-A Datasheet
391Kb / 11P
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
A1
USB4110-GF-A ETC-USB4110-GF-A Datasheet
395Kb / 11P
USB Type C Receptacle for USB2.0 ,SMT Type, PCB Top Mount
B
logo
Global Connector Techno...
USB4056 GCT-USB4056 Datasheet
197Kb / 3P
USB3.2 Gen 2 Type C Receptacle, Horizontal, Hybrid type, PCB Top Mount.
05/08/21
USB4050 GCT-USB4050 Datasheet
245Kb / 3P
USB Type C Receptacle Hybrid type, PCB Mid Mount, 1.00mm Offset
21st April 2016
USB4060 GCT-USB4060 Datasheet
233Kb / 3P
USB Type C Receptacle Hybrid type, PCB Mid Mount, 1.00mm Offset
21st April 2016
USB4065 GCT-USB4065 Datasheet
229Kb / 3P
USB Type C Receptacle Hybrid type, PCB Top Mount
21th April 2016
USB4085 GCT-USB4085 Datasheet
249Kb / 3P
USB 2.0 Type C Receptacle Dip Type, PCB Top Mount
9th April 2018
USB4105 GCT-USB4105 Datasheet
198Kb / 2P
USB Type C Receptacle for USB 2.0 SMT Type, PCB Top Mount
4th October 2019
USB4110 GCT-USB4110 Datasheet
178Kb / 2P
USB Type C Receptacle for USB 2.0 SMT Type, PCB Top Mount
10th July 2019
logo
Molex Electronics Ltd.
2178040001 MOLEX-2178040001 Datasheet
395Kb / 4P
TOP MOUNT USB TYPE C RECEPTACLE IPX8
REVISION A
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com