Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4060 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB4060
Description  USB Type C Receptacle Hybrid type, PCB Mid Mount, 1.00mm Offset
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4060 Datasheet(HTML) 2 Page - Global Connector Technology

  USB4060 Datasheet HTML 1Page - Global Connector Technology USB4060 Datasheet HTML 2Page - Global Connector Technology USB4060 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PCB Edge
Mating View
12.15
5.50
0.50
0.35
7.45
0.80
1.60
2.40
3.20
4.80
6.10
9.00
9.50
4x 1.00
4x 0.50
0.90
0.50
1.00
0.95
Ø0
.65
1.15
A1
A12
B12
B1
B11
B10
B8
B7
B6
B5
B4
B3
B2
B9
(1.95)
Recommended PCB Layout
As viewed from component side
Recommended PCB Thickness: 0.60mm
Tolerance:±0.05mm
Component Outline
Solder Area
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X. ± 0.50
X.X ± 0.30
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
2/3
USB4060
CC
USB4060
B PCN
By
Detail
Revision
Part Number
Drawing Date
21st April 2016
Date
± 2°
USB Type C Receptacle
Hybrid type, PCB Mid Mount, 1.00mm Offset
B
04/09/17
www.gct.co



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com