Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4070 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB4070
Description  USB 3.2 Gen2 Type C Receptacle Vertical, SMT with Shell Stakes & Locating Pegs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4070 Datasheet(HTML) 2 Page - Global Connector Technology

  USB4070 Datasheet HTML 1Page - Global Connector Technology USB4070 Datasheet HTML 2Page - Global Connector Technology USB4070 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Recommended PCB Layout
as viewed from component side
Recommended PCB Thickness: 1.20mm
Tolerance: ±0.05mm
Component Outline
Solder Area
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X. ± 0.50
X.X ± 0.30
X.XX ± 0.20
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
2/3
USB 3.2 Gen2 Type C Receptacle
Vertical, SMT with Shell Stakes & Locating Pegs
CC
USB4070
C PCN
By
Detail
Revision
Part Number
Drawing Date
Date
± 2°
USB4070
C5
5th May 2016
16/07/21
www.gct.co
USB4070 (Receptacle)
USB4151 (Plug)
Plug and Receptacle Mating View
PCB
Panel
PCB
7.50
1.00
5.50
0.50
0.30
Ø0.6
6
4.80
Ø0
.70
Ø1.10
1.0
3
B12
B1
A12
A1
7.76
80.00°



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com