Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4125 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB4125
Description  Type C Receptacle, Horizontal, SMT, For Power Charging Only
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4125 Datasheet(HTML) 1 Page - Global Connector Technology

  USB4125 Datasheet HTML 1Page - Global Connector Technology USB4125 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8.34+0.06
-0.02
A5
A9
A12
B12
B9
B5
8.64±0.15
8.94
3.75
5.50±0.10
3.04±0.10
1.00±0.10
2x 0.60±0.05
2x 0.56±0.05
2x 0.50±0.05
3.80±0.15
4x 0.80±0.10
2.60±0.15
4x 0.60
8.64
A12
A9
A5
B12 B9
B5
5.50
3.04
1.00
2x 0.80
2x 0.76
2x0.70
4x 1.10
Recommended PCB Layout
Thickness 1.00±0.10mm
Tolerance: ±0.05mm
Component Outline
Solder Area
Specifications
Material
Insulator: LCP, UL 94V-0, Black
Contact: Copper Alloy
Shell: Stainless Steel
Middle plate: Stainless Steel
Plating
Contact: Gold Flash All Over
Shell: 50µ" min. Nickel
Middle plate: Clear
Electrical
Current Rating:
3.00A collectively for VBUS pins
4.25A collectively for GND pins
1.25A for B5 pin
0.25A for A5 pin
Voltage Rating: 20V DC
Contact Resistance: 40mΩ max initial.
50mΩ max after test
Dielectric Withstanding Voltage: 100V AC
Insulation Resistance 100MΩ min
Mechanical & Environmental
Operating Temperature: -30°C to +85°C
Mating Force: 5 to 20 N.
Unmated Force: 6 to 20 N after test
Durability: 20,000 cycles
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.25
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/2
Type C Receptacle, Horizontal, SMT,
For Power Charging Only
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
Date
-
USB4125
A3
28th September 2020
22/11/22
www.gct.co
Plug and Receptacle Mating View
Pin
Signal
Mating
Sequence
A5
CC1
Second
A9
VBUS
First
A12
GND
First
B5
CC2
Second
B9
VBUS
First
B12
GND
First
SHELL
GND
6.65
1.85
Ordering Grid
Request Samples
and Quotation
USB4125
A
Packing Options
A = Tape & Reel (1000 per reel)
XX
Contact Plating
GF = Gold Flash
XXXX
Shell Stake Length "S"
Blank = 1.00mm
0190 = 1.90mm
0.10


Similar Part No. - USB4125

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB4120 GCT-USB4120 Datasheet
206Kb / 3P
USB 2.0 Type C Receptacle, 16contacts, Vertical, SMT, H=6.5mm
28th September 2020
More results

Similar Description - USB4125

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
632723X00011 WURTH-632723X00011 Datasheet
900Kb / 4P
USB 3.1 TYPE C RECEPTACLE - HORIZONTAL THT/SMT
632723X00021 WURTH-632723X00021 Datasheet
573Kb / 4P
USB 3.1 TYPE C RECEPTACLE - HORIZONTAL THT/SMT
logo
List of Unclassifed Man...
USB4715 ETC-USB4715 Datasheet
188Kb / 4P
Type C Receptacle, Horizontal, Mid-Mount, SMT, IP67, For Power Charging Only, 6 Pin
04/07/22
logo
Global Connector Techno...
USB4155 GCT-USB4155 Datasheet
212Kb / 4P
USB3.2 Gen2 Type C Plug, Horizontal, SMT
27/05/21
USB4130 GCT-USB4130 Datasheet
175Kb / 2P
USB Type C Receptacle, Vertical, SMT, For Power charging only
26th November 2020
USB4135 GCT-USB4135 Datasheet
163Kb / 2P
Type C Receptacle, Horizontal, SMT, For Power Charging Only
21st January 2022
USB4140 GCT-USB4140 Datasheet
230Kb / 4P
USB Type C Receptacle, Vertical, SMT, For Power charging only, H=6.50mm, 6 Pin
25th February 2022
USB4515 GCT-USB4515 Datasheet
166Kb / 2P
USB Type C Receptacle, SMT Type, Mid Mount, 1.6mm Offset, For Power Charging Only
1st July 2021
USB4715 GCT-USB4715 Datasheet
303Kb / 4P
Type C Receptacle, Horizontal, Mid-Mount, SMT, IP67, For Power Charging Only, 6 Pin
4th July 2022
USB4180 GCT-USB4180 Datasheet
164Kb / 3P
Type C Plug, Vertical, SMT, For Power Charging Only 6 Pin, Without Latches
24th March 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com