Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4130 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB4130
Description  USB Type C Receptacle, Vertical, SMT, For Power charging only
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4130 Datasheet(HTML) 1 Page - Global Connector Technology

  USB4130 Datasheet HTML 1Page - Global Connector Technology USB4130 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
8.54
8.34+0.06
-0.02
1.00
3.04
5.50
6.50
2x 0.50
2x 0.56
2x 0.60
8.54
1.00
3.04
5.50
2x 0.90
2x 0.80
2x 0.70
2x 0.50±0.05
2x 1.00
8.74
A12
A9
A5
B12 B9
B5
9.70
2.00
0.50
4.55
0.20
Recommended PCB Layout
Thickness 1.00 to 1.20
Tolerance: ±0.05mm
Component Outline
Solder Area
A12
A9
A5
B12 B9
B5
Plug and Receptacle Mating View
6.65
1.95
Ordering Grid
Request Samples
and Quotation
USB4130
C
Packing Options
C = Tape & Reel With Cap (600 per reel)
GF
Contact Plating
GF = Gold Flash
Specifications
Material
Insulator: LCP, UL 94V-0, Black
Contact: Copper Alloy
Shell: Stainless Steel
Middle Plate: Stainless Steel
Plating
Contact: Gold Flash All Over
Shell: 50µ" min. Nickel
Middle Plate: Clear
Electrical
Current Rating:
3.00A collectively for VBUS pins
4.25A collectively for GND pins
1.25A for B5 pin
0.25A for A5 pin
Voltage Rating: 20V DC
Contact Resistance: 40mΩ max initial.
50mΩ max after test
Dielectric Withstanding Voltage: 100V AC
Insulation Resistance 100MΩ min
Mechanical & Environmental
Operating Temperature: -30°C to +85°C
Mating Force: 5 to 20 N.
Unmated Force: 6 to 20 N after test
Durability: 10,000 cycles
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.25
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/2
USB Type C Receptacle, Vertical, SMT,
For Power charging only
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
Date
-
USB4130
A1
26th November 2020
22/11/22
www.gct.co
Pin
Signal
Mating
Sequence
A5
CC1
Second
A9
VBUS
First
A12
GND
First
B5
CC2
Second
B9
VBUS
First
B12
GND
First
SHELL
GND
Cap Information
0.10


Similar Part No. - USB4130

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB4135 GCT-USB4135 Datasheet
163Kb / 2P
Type C Receptacle, Horizontal, SMT, For Power Charging Only
21st January 2022
More results

Similar Description - USB4130

ManufacturerPart #DatasheetDescription
logo
Prolific Technology Inc...
PL2887 PROLIFIC-PL2887 Datasheet
204Kb / 1P
USB Type-C Charging Controller
logo
List of Unclassifed Man...
USB4715 ETC-USB4715 Datasheet
188Kb / 4P
Type C Receptacle, Horizontal, Mid-Mount, SMT, IP67, For Power Charging Only, 6 Pin
04/07/22
logo
Global Connector Techno...
USB4105 GCT-USB4105 Datasheet
198Kb / 2P
USB Type C Receptacle for USB 2.0 SMT Type, PCB Top Mount
4th October 2019
USB4110 GCT-USB4110 Datasheet
178Kb / 2P
USB Type C Receptacle for USB 2.0 SMT Type, PCB Top Mount
10th July 2019
USB4125 GCT-USB4125 Datasheet
163Kb / 2P
Type C Receptacle, Horizontal, SMT, For Power Charging Only
28th September 2020
USB4135 GCT-USB4135 Datasheet
163Kb / 2P
Type C Receptacle, Horizontal, SMT, For Power Charging Only
21st January 2022
USB4140 GCT-USB4140 Datasheet
230Kb / 4P
USB Type C Receptacle, Vertical, SMT, For Power charging only, H=6.50mm, 6 Pin
25th February 2022
USB4515 GCT-USB4515 Datasheet
166Kb / 2P
USB Type C Receptacle, SMT Type, Mid Mount, 1.6mm Offset, For Power Charging Only
1st July 2021
USB4715 GCT-USB4715 Datasheet
303Kb / 4P
Type C Receptacle, Horizontal, Mid-Mount, SMT, IP67, For Power Charging Only, 6 Pin
4th July 2022
USB4180 GCT-USB4180 Datasheet
164Kb / 3P
Type C Plug, Vertical, SMT, For Power Charging Only 6 Pin, Without Latches
24th March 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com