Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB4135 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB4135
Description  Type C Receptacle, Horizontal, SMT, For Power Charging Only
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB4135 Datasheet(HTML) 2 Page - Global Connector Technology

  USB4135 Datasheet HTML 1Page - Global Connector Technology USB4135 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Carton
Paper Board
Reel and Tape
Ø13
W+0.5
165°~180°
Direction of Unreeling
Peeling
Angle
Label
340
340
Paper Board
Vacuum Bag
Pcs /
Reel
Reels /
Carton
Total
Quantity
1200
9
10800 pcs
Folder Paper Board
Direction of Unreeling
2.00±0.10
4.00±0.10
12.00±0.10
(20 Pockets)
Unloaded Section
Unloaded Section
1200 PCS
(20 Pockets)
Detail E
Detail: E
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.30
X.XX ± 0.25
X.XXX ± 0.10
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
2/2
Type C Receptacle, Horizontal, SMT,
For Power Charging Only
CC
Drawing
Release
By
Detail
Revision
Part Number
Drawing Date
Date
-
USB4135
A1
21st January 2022
22/11/22
www.gct.co
Ø1.5
0
+0.1
0
-0.0
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com