Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLA170STR Datasheet(PDF) 5 Page - Clare, Inc.

Part # PLA170STR
Description  Single Pole OptoMOS Relay
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA170STR Datasheet(HTML) 5 Page - Clare, Inc.

  PLA170STR Datasheet HTML 1Page - Clare, Inc. PLA170STR Datasheet HTML 2Page - Clare, Inc. PLA170STR Datasheet HTML 3Page - Clare, Inc. PLA170STR Datasheet HTML 4Page - Clare, Inc. PLA170STR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Clare, Inc. makes no representations or warranties with respect to the accuracy or completeness of the contents of this publication and reserves the right to make changes to specifications and product
descriptions at any time without notice. Neither circuit patent licenses nor indemnity are expressed or implied. Except as set forth in Clare’s Standard Terms and Conditions of Sale, Clare, Inc. assumes no
liability whatsoever, and disclaims any express or implied warranty, relating to its products including, but not limited to, the implied warranty of merchantability, fitness for a particular purpose, or infringement
of any intellectual property right.
The products described in this document are not designed, intended, authorized or warranted for use as components in systems intended for surgical implant into the body, or in other applications intended
to support or sustain life, or where malfunction of Clare’s product may result in direct physical harm, injury, or death to a person or severe property or environmental damage. Clare, Inc. reserves the right to
discontinue or make changes to its products at any time without notice.
Specification: DS-PLA170-R01
©Copyright 2005, Clare, Inc.
OptoMOS® is a registered trademark of Clare, Inc.
All rights reserved. Printed in USA.
5/2/05
For additional information please visit our website at: www.clare.com
MECHANICAL DIMENSIONS
Top Cover
Tape Thickness
0.102 MAX.
(0.004 MAX.)
K1 = 3.80
(0.150)
W = 16.30 MAX
(0.642 MAX)
B0 = 10.30
(0.406)
A0 = 10.30
(0.406)
P = 12.00
(0.472)
330.2 DIA.
(13.00 DIA.)
K0 = 4.90
(0.193)
0.254 TYP
(0.010 TYP)
7.239 TYP
(0.285 TYP)
Tape and Reel Packaging for 6 Pin Surface Mount Package
Top Cover
Tape
Embossment
Embossment Carrier
User Direction of Feed
PC Board Pattern
(Top View)
Dimensions:
mm
(inches)
PC Board Pattern
(Top View)
6-0.800 DIA.
(6-0.031 DIA.)
Manufacturing Information
Soldering
Recommended soldering processes are limited to
245ºC component body temperature for 10 seconds.
Washing
Clare does not recommend ultrasonic cleaning or the
use of chlorinated solvents.
6 Pin Surface Mount ("S" Suffix)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com