Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLA192STR Datasheet(PDF) 2 Page - Clare, Inc.

Part # PLA192STR
Description  Single Pole OptoMOS Relays
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

PLA192STR Datasheet(HTML) 2 Page - Clare, Inc.

  PLA192STR Datasheet HTML 1Page - Clare, Inc. PLA192STR Datasheet HTML 2Page - Clare, Inc. PLA192STR Datasheet HTML 3Page - Clare, Inc. PLA192STR Datasheet HTML 4Page - Clare, Inc. PLA192STR Datasheet HTML 5Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.clare.com
2
PLA192
Rev. 2.0
Absolute Maximum Ratings are stress ratings. Stresses in
excess of these ratings can cause permanent damage to
the device. Functional operation of the device at conditions
beyond those indicated in the operational sections of this
data sheet is not implied.
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Output Characteristics @ 25°C
Load Current (Continuous)
AC/DC Configuration
-
I
L
-
-
150
mA
DC Configuration
-
I
L
-
-
220
mA
Peak Load Current
10ms
I
LPK
-
-
350
mA
On-Resistance*
AC/DC Configuration
I
L=150mA
R
ON
--
22
Ω
DC Configuration
I
L=220mA
-
-
8
Ω
Off-State Leakage Current
V
L=600V
I
LEAK
--
1
µA
Switching Speeds
Turn-On
I
F=5mA, VL=10V
T
ON
--
5
ms
Turn-Off
I
F =5mA, VL=10V
T
OFF
--
5
ms
Output Capacitance
50V; f=1MHz
C
OUT
-50
-
pF
Input Characteristics @ 25°C
Input Control Current
I
L=100mA
I
F
5-
50
mA
Input Dropout Current
-
I
F
0.4
0.7
-
mA
Input Voltage Drop
I
F=5mA
V
F
0.9
1.2
1.4
V
Reverse Input Voltage
-
V
R
--
5
V
Reverse Input Current
V
R=5V
I
R
-
-
10
µA
Common Characteristics @ 25°C
Input to Output Capacitance
-
C
I/O
-3
-
pF
* Within 1 second of on time
Parameter
Min
Typ Max Units
Input Power Dissipation
-
-
1501
mW
Input Control Current
-
-
50
mA
Peak (10ms)
-
-
1
A
Reverse Input Voltage
-
-
5
V
Total Power Dissipation
-
-
8002
mW
Peak Blocking Voltage
-
-
600
V
Isolation Voltage
Input to Output (60 seconds) 5000
-
-
V
RMS
Operational Temperature
-40
-
+85
°C
Storage Temperature
-40
-
+125
°C
Soldering Temperature
DIP Package
-
-
+260
°C
Surface Mount Package
-
-
+220
°C
(10 Seconds Max.)
1 Derate Linearly 1.33 mw/˚C
2 Derate Linearly 6.67 mw/˚C
Absolute Maximum Ratings (@ 25˚ C)
Electrical Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com