Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM7050 Datasheet(PDF) 2 Page - Global Connector Technology

Part # SIM7050
Description  Micro SIM Card Connector Retainer Type, 6 & 8 Pin, SMT, Profile 2.45mm
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

SIM7050 Datasheet(HTML) 2 Page - Global Connector Technology

  SIM7050 Datasheet HTML 1Page - Global Connector Technology SIM7050 Datasheet HTML 2Page - Global Connector Technology SIM7050 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Micro SIM Reference
thickness = 0.76±0.08
C1
C2
C3
C4
C5
C6
VCC
C7
C8
RST
CLK
GND
Vpp
I/O
RFU
RFU
C1
C2
C3
C4
C5
C6
C7
C8
3.15
7.62
8x2.00
15.00±0.10
2.5C
5xR0.80
25.00mm Mini
12.30mm Nano
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
ASE
Sheet No.
2/3
SIM7050
Micro SIM Card Connector
Retainer Type, 6 & 8 Pin, SMT, Profile 2.45mm
AJO
SIM7050
C PCN
C
By
Detail
Revision
Part Number
Drawing Date
24th August 2012
20/04/15
Date
www.gct.co



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com