Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM7100 Datasheet(PDF) 3 Page - Global Connector Technology

Part # SIM7100
Description  Micro SIM Card Connector - Push-Push Type 6 or 8 Pin, SMT, 1.50mm Profile
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

SIM7100 Datasheet(HTML) 3 Page - Global Connector Technology

  SIM7100 Datasheet HTML 1Page - Global Connector Technology SIM7100 Datasheet HTML 2Page - Global Connector Technology SIM7100 Datasheet HTML 3Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Label
-
+ 0.05
0
2
32-+0
2
350
mm
350m
m
Label
Reel
Carrier Tape
Cover tape
set squarex4
No
product
200mm min
product
End
No
product
350mm min
cover tape
50mm min
Start
Carton
Pull Out Direction
2.00±0.10
4.00±0.10
24.00±0.10
0.35±0.05
16.15
Ø1
.5
0±
0.
10
Products P/N
SIM7100
PCS/Reel
1000
8
Reels/Carton PCS/Carton
8000
Net Weight: 4.80kg
Gross Weight: 9.76kg
Gross Weight: 0.85kg
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
3/3
CC
By
Detail
Revision
Part Number
Drawing Date
Date
SIM7100
Micro SIM Card Connector - Push-Push Type
6 or 8 Pin, SMT, 1.50mm Profile
SIM7100
C PCN
C2
12th September 2014
15/06/21
www.gct.co
Pull Out Direction



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com