Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB1015 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB1015
Description  USB Receptacle, Type A, Top Mid Mount, 2.32mm Offset, Thru-Hole, Horizontal, w/Shell Stakes & SMT Holdowns
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1015 Datasheet(HTML) 2 Page - Global Connector Technology

  USB1015 Datasheet HTML 1Page - Global Connector Technology USB1015 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Cardboard Triangles
350
mm
35
0m
m
Carton
Tape
EPE Board
Bag
Part Number
Pcs./Reel
Reels/Carton
Pcs./Carton
USB1015
400
8
3200
Part Number
Specification
Q'ty
Carrier Tape
32.0mm (W) x 8.3m (L)
8
Cover Tape
25.5mm (W)
67.2m
Reel
Ø330 x 32.5mm
8
Bag
400 x 400 x 400mm, PE
1
Cardboard Triangles
305 x 310 x5mm
4
Carton
350 x 350 x 330mm
1
EPE Board
335 x 335 x 10mm
2
GP
PACKING DIRECTION
INPUT MATERIAL DIRECTION
32.5mm
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
2/2
USB1015
USB Receptacle, Type A, Top Mid Mount, 2.32mm Offset,
Thru-Hole, Horizontal, w/Shell Stakes & SMT Holdowns
CC
C1
By
Detail
Revision
Part Number
Drawing Date
14th February 2011
02/04/18
Date
USB1015
C PCN
www.gct.co
2.00±0.10
4.00±0.10
20.00±0.10
160mm
140mm
8000mm
100mm
400 cavities with product
7 cavities empty
empty
8 cavities empty
Round Sprocket Hold
SCALE 2:1
R0
.75
Elongated Sprocket hold
Reels
Ø1
.50
+0
.10
-0
.00
Cover Tape
Carrier Tape



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com