Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB1030 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB1030
Description  USB Receptacle, Type B, 4 Pin, Through Hole, R/A, Top Mount, With Kinked Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1030 Datasheet(HTML) 2 Page - Global Connector Technology

  USB1030 Datasheet HTML 1Page - Global Connector Technology USB1030 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Products P/N
USB1030-XX-P-X-B
PCS/Tray
100
10
Trays/Carton
PCS/Carton
1000
Packing Rules
封裝規則﹕
1.USB's placed into the tray base. 将USB连接器放入吸塑盘内
2.Tray cover and base taped together to keep USB's in place.
USB连接器放好后,加上吸塑盖,并用胶带缠绕好
3.10 trays put into carton. 10吸塑盘一叠,放入纸箱
4.Boxed taped and label stuck on the outer carton.
用胶带封住纸箱;并贴上标签。
315
27
0
Base 下盖
Cover 上盖
Base 下盖
Label
标签
Tape
膠帶
Inner Carton
內箱
1
2
3
4
RoHS Label
环保标签
Product Label
产品标签
标签
PE bag
PE袋
EPE
珍珠棉
PE Film
PE膜
USB
EPE
珍珠棉
10 Trays per box
每盒10盘
5 trays taped together 5盘叠加
2 sets per box 每盒2套
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.35
X.XX ± 0.25
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
SA
Sheet No.
2/2
USB Receptacle, Type B, 4 Pin, Through Hole,
R/A, Top Mount, With Kinked Shell Stakes
CC
USB1030
B PCN
By
Detail
Revision
Part Number
Drawing Date
Date
X.° ± 1°
X.X°. ± 0.5°
USB1030
B1
14th February 2011
05/12/16
www.gct.co



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com