Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB1061 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB1061
Description  USB Plug, Type A, 4 Pin, Mid-Mount, Offset 1.43mm, SMT, Horizontal, Top Mount, Plastic Peg & Kinked Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1061 Datasheet(HTML) 2 Page - Global Connector Technology

  USB1061 Datasheet HTML 1Page - Global Connector Technology USB1061 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.00±0.10
4.00±0.10
20.00±0.10
160mm
400mm
9000mm
Carrier Tape empty for 8 pcs
100mm
Round Sprocket Hold
450 PCS/Reel
Carrier Tape
Cover Tape
Unreeling Direction
32.5mm
10 Reels
Label
350m
m
350
mm
Tape
Inner Carton
10 reels/ Carton
Cardboard
Triangles
Carrier Tape with 450 pcs
Carrier Tape empty for 22 pcs
Cover Tape empty
Product Part No.
USB1061
PCS/Reel
450
10
Reels/Carton PCS/Carton
4500
Name
Specification
Q'ty
Carrier Tape
32.0mm x 9.56m
10
Cover Tape
25.5mm x 200m
96.6m
Tape Reel
Ø330mm x 32.5mm (13")
10
PE Bag
400mm x 400mm x400mm
10
Cardboard Triangle
305mm x 370mm x 5mm
4
Outer Carton
350mm x 350mm x 395mm
1
Desiccant
70mm x 45mm 3.5g
10
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
-
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
2/2
USB1061
USB Plug, Type A, 4 Pin, Mid-Mount, Offset 1.43mm, SMT,
Horizontal, Top Mount, Plastic Peg & Kinked Shell Stakes
CC
By
Detail
Revision
Part Number
Drawing Date
Date
Drawing
Release
A2
2nd December 2014
06/12/21
www.gct.co
-
Outer Carton
Vacuum Bag
Label
Reel



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com