Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB1086 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB1086
Description  USB 3.0 Receptacle, Type A,Through Hole, Vertical, Top Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1086 Datasheet(HTML) 1 Page - Global Connector Technology

  USB1086 Datasheet HTML 1Page - Global Connector Technology USB1086 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2.00
7.00
4.00
8.00
13.14
T=1.6mm (General Tolerances: ±0.05mm)
Recommended PCB Layout (Top View)
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.35
X.XX ± 0.25
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/2
USB1086
USB 3.0 Receptacle, Type A,Through Hole,
Vertical, Top Mount
CC
Drawing
Release
A2
By
Detail
Revision
Part Number
Drawing Date
06th January 2020
08/12/20
Date
X.° ± 3.0°
X.X° ± 1.5°
www.gct.co
Specifications
Materials & Plating
Plastic Housing: LCP, Blue, UL94V-0
Contact Terminal: Copper Alloy,T=0.20mm
Metallic Shell: SUS201,T=0.30mm
Plating:
Contact:
Contact Area: Gold Flash
Solder Tails: 100u" min. Tin
Underplating: 50u" min. Nickel
Shell: 50u" min. Nickel Plating Overall
Electrical:
Voltage Rating: 30V
Current Rating: 0.25A (Signal Pins)
3.0A (Power Pins)
Operating Temperature: -40°C to +85°C
Contact Resistance:
30 mΩ max. (Power Pins)
50 mΩ max. (Signal Pins)
Insulation Resistance: 100 M
Ω min.
Dielectric Withstand Voltage: 100V R.M.S.
Mechanical:
Mating Force: 35N max.
Unmating Force: 10N min. Initial
8N. min. Final
Durability: 20000 Cycles
Pin No.
Signal
1
VBUS
2
D-
3
D+
4
GND
5
STDA_SSRX-
6
STDA_SSRX+
7
GND_DRAIN
8
STDA_SSTX-
9
STDA_SSTX+
Ordering Grid
Contact Plating
GF = Gold Flash
USB1086
GF
B
Packing Options
B = Tray
(100 per tray)
Request Samples
and Quotation
6.00
14.40+0.05
-0.20
2.00
4.00
7.00
8.00
15.30±0.15
2.00
4.00
7.00
8.00
11.10±0.10
12.50±0.10
6.90+0.10
-0.20
9x 0.35±0.05
2x Ø
1.9
5
9x
Ø0
.73
4
9
3
2
1
87
6
5
4
9
3
2
1
8
7
6
5
A
A
Section A-A
0.12
1.38


Similar Part No. - USB1086

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USB10 MICROSEMI-USB10 Datasheet
136Kb / 3P
RECTIFIERS ASSEMBLIES
logo
Fairchild Semiconductor
USB100 FAIRCHILD-USB100 Datasheet
41Kb / 8P
Programmable Low-Cost USB Machine (PLUM)
logo
Extech Instruments Corp...
USB100 EXTECH-USB100 Datasheet
247Kb / 1P
Appliance Tester/Power Analyzer
USB100 EXTECH-USB100 Datasheet
243Kb / 1P
Dual Channel, Datalogging, True RMS MultiMeter
USB100 EXTECH-USB100 Datasheet
296Kb / 1P
1000A 3-Phase Power Analyzer/Datalogger
More results

Similar Description - USB1086

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GSB311131HR AMPHENOL-GSB311131HR Datasheet
98Kb / 1P
USB 3.0 Type A. Right Angle, Receptacle, Through Hole, Standard Type
GSB3211X1HR AMPHENOL-GSB3211X1HR Datasheet
136Kb / 1P
USB 3.0 Type B. Right Angle, Receptacle, Through Hole, Standard Type
logo
Mill-Max Mfg. Corp.
896-46-009-90 MILL-MAX-896-46-009-90 Datasheet
118Kb / 2P
USB Socket Type A USB 3.0 Single Row Through Hole
logo
Pulse A Technitrol Comp...
E8199-001-01 PULSE-E8199-001-01 Datasheet
270Kb / 2P
USB 3.0 A TYPE RECEPTACLE
logo
Global Connector Techno...
USB1035 GCT-USB1035 Datasheet
267Kb / 2P
USB Dual Receptacle, Type A, 8 Pin, Through Hole, Horizontal, Top Mount, With Kinked Shell Stakes
14th February 2011
USB1100 GCT-USB1100 Datasheet
232Kb / 2P
USB 3.0 Dual Receptacle, Full Size, Type A, Top Mount, Horizontal, Through-Hole
20th February 2013
USB1110 GCT-USB1110 Datasheet
201Kb / 2P
USB 3.0 Receptacle, Full Size, Type A, Mid-Bottom Mount, Horizontal, Through-Hole
20th February 2013
USB1125 GCT-USB1125 Datasheet
288Kb / 2P
USB 2.0 Receptacle, Type A,Through Hole, Horizontal, Top Mount, Without Flange
12th June 2020
USB1130 GCT-USB1130 Datasheet
214Kb / 2P
USB 2.0 Receptacle, Type A, 4 Pin, Through Hole, Horizontal, Top Mount, Without Flange
6th August 2020
USB1135 GCT-USB1135 Datasheet
307Kb / 2P
USB 3.0 Receptacle, Type A,Through Hole, Horizontal, Top Mount
6th August 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com