Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB1100 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB1100
Description  USB 3.0 Dual Receptacle, Full Size, Type A, Top Mount, Horizontal, Through-Hole
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1100 Datasheet(HTML) 2 Page - Global Connector Technology

  USB1100 Datasheet HTML 1Page - Global Connector Technology USB1100 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UNLOADED SECTION
ABOUT 160 MM LONG
LABEL
44.6
ABOUT 160 MM LONG
UNLOADED SECTION
PRODUCT LOADING SECTION
PEELING ANGLE
400 MIN
.
165° ~ 180°
Detail: 1
4:1
USER DIRECTION OF UNREELING
R0.75±0.1
DIMENSIONS:
405 X 405 X 440
TAPE & REEL
VOID FILLER
BOX
INNER CARTON
BAG
Products P/N
USB1100
PCS/Reel
200
8
Reels/Carton PCS/Carton
1600
Packing Spec
1. Peeling strength: 0.1N~1.3N (10~130grams)
2. Peeling Speed: 300 mm/min
3. Each bag will include desiccant.
Notes:
Material:
Box: Fibreboard ,Double Wall
Tape: Polystyrene, Transparent
Heat Resistant Temperature: 120°C
Reel: Polystyrene, Blue
Heat Resistant Temperature: 70°C
Bag: Polyethylene ,Heat Resistant Temperature: 100°C
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
-
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
2/2
USB1100
USB 3.0 Dual Receptacle, Full Size, Type A,
Top Mount, Horizontal, Through-Hole
CC
USB1100
C PCN
C2
By
Detail
Revision
Part Number
Drawing Date
20th February 2013
15/02/22
Date
-
www.gct.co
2±0.10
4±0.10
24±0.10
18.90
DETAIL 1
Ø1.50±0.10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com