Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB1115 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB1115
Description  USB 3.0 Rec., Type A, Slim Type w/Cutaway Face, T-H, Horizontal, Mid-Bottom Mount, 9 Pin, w/Outer Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1115 Datasheet(HTML) 2 Page - Global Connector Technology

  USB1115 Datasheet HTML 1Page - Global Connector Technology USB1115 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EMPTY CAVITIES
APPROX 160 MM LONG
LABEL
32.4
APPROX 160 MM LONG
PRODUCT LOADING SECTION
PEELING ANGLE
38.4
400 MIN
.
165° ~ 180°
USER DIRECTION OF UNREELING
2±0.1
4±0.1
Ø1.5+0.1
-0
24±0.10
DETAIL 1
8.0
DETAIL 1
4:1
R0.75±0.1
TAPE & REEL
VOID FILLER
BOX
INNER CARTON
BAG
Products P/N
USB1115
PCS/Reel
400
8
Reels/Carton PCS/Carton
3200
Packing Spec 包装要求:
1. Peeling strength 剥离强度: 0.1N~1.3N (10~130grams)
2. Peeling Speed 剥离速度: 300 mm/min
3. Each bag will include desiccant. 每个包将包括干燥剂
Notes 注意:
Material 材质要求:
Box 箱: Corrugated Fibreboard 瓦楞纸板 Double Wall 双壁,
Tape 带子: Polystyrene 聚苯乙烯, Black 黑色
Heat Resistant Temperature 耐热温度: 120°C
Reel 卷筒: Polystyrene 聚苯乙烯, Blue 蓝色
Heat Resistant Temperature 耐热温度: 70°C
Bag 包: Polyethylene 聚乙烯 Heat Resistant Temperature 耐热温度: 100°C
EMPTY CAVITIES
355
355
ADHESIVE STRIP
8 REELS
A
1
B
C
D
23
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
2/2
USB1115
USB 3.0 Rec., Type A, Slim Type w/Cutaway Face, T-H,
Horizontal, Mid-Bottom Mount, 9 Pin, w/Outer Shell Stakes
AJO
By
Detail
Revision
Part Number
Drawing Date
6th December 2013
Date
USB1115
B PCN
B
12/08/15
www.gct.co



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com