Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB1135 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB1135
Description  USB 3.0 Receptacle, Type A,Through Hole, Horizontal, Top Mount
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB1135 Datasheet(HTML) 1 Page - Global Connector Technology

  USB1135 Datasheet HTML 1Page - Global Connector Technology USB1135 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
12
3
4
9
8
9
1
12.50±0.10
15.47±0.25
13.85±0.25
11.10±0.10
11.78±0.20
1.50±0.20
2.00±0.20
0.40±0.05
14.35±0.20
13.70±0.25
6.00
2.00±0.15
4.00±0.15
7.00±0.15
8.00±0.15
4.00
8.00
7.00
2.00
13.14
9x Ø0.70
2x Ø2.30
Recommended PCB Layout
Thickness=1.6mm Tolerance:±0.05mm
7
6
5
23
4
87
6
5
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.50
X.XX ± 0.30
X.XXX ± 0.20
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
CC
Sheet No.
1/2
USB1135
USB 3.0 Receptacle, Type A,Through Hole,
Horizontal, Top Mount
CC
Drawing
Release
A1
By
Detail
Revision
Part Number
Drawing Date
6th August 2020
21/08/20
Date
± 2°
www.gct.co
Specifications
Material
Insulator: See Ordering Grid, UL94 V-0
Contact: Copper Alloy, T=0.25mm
Shell: SUS304
Plating
Terminal:
Contact Area: See Ordering Grid
Solder Area: 100u" Tin
Underplating: 50u" Nickel
Shell: 50u" min. Nickel
Electrical
Voltage Rating: 30V
Current Rating: 0.25A (Signal Pins)
3.0A (Power and GND Pins)
Operating Temperature: -55°C to +85°C
Contact Resistance:
30 mΩ max. (Power Pins)
50 mΩ max. (Signal Pins)
Insulation Resistance: 100 M
Ω min.
Dielectric Withstand Voltage: 100V R.M.S.
Mechanical:
Mating Force: 35N max.
Unmating Force: 10N min. Initial
8N. min. Final
Durability: 20000 cycles
PCB Edge
Pin No.
Signal
1
VBUS
2
D-
3
D+
4
GND
5
SSRX-
6
SSRX+
7
GND
8
SSTX-
9
SSTX+
Ordering Grid
Contact Plating
15 = 15u" Gold (standard)
GF = Gold Flash
USB1135
XX
X
Packing Options
B = Tray (100pcs/Tray)
Request Samples
and Quotation
B
Insulator Colour
L = Blue (standard)
B = Black
X
Insulator Material
9 = PA 9T (standard)
P = PBT


Similar Part No. - USB1135

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB1130 GCT-USB1130 Datasheet
214Kb / 2P
USB 2.0 Receptacle, Type A, 4 Pin, Through Hole, Horizontal, Top Mount, Without Flange
6th August 2020
More results

Similar Description - USB1135

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GSB311131HR AMPHENOL-GSB311131HR Datasheet
98Kb / 1P
USB 3.0 Type A. Right Angle, Receptacle, Through Hole, Standard Type
logo
Wurth Elektronik GmbH &...
692122030100 WURTH-692122030100 Datasheet
708Kb / 2P
USB 3.0 HORIZONTAL TYPE A
692121030100 WURTH-692121030100 Datasheet
750Kb / 2P
USB 3.0 HORIZONTAL TYPE A
logo
Mill-Max Mfg. Corp.
896-46-009-90 MILL-MAX-896-46-009-90 Datasheet
118Kb / 2P
USB Socket Type A USB 3.0 Single Row Through Hole
logo
Global Connector Techno...
USB1035 GCT-USB1035 Datasheet
267Kb / 2P
USB Dual Receptacle, Type A, 8 Pin, Through Hole, Horizontal, Top Mount, With Kinked Shell Stakes
14th February 2011
USB1086 GCT-USB1086 Datasheet
300Kb / 2P
USB 3.0 Receptacle, Type A,Through Hole, Vertical, Top Mount
06th January 2020
USB1100 GCT-USB1100 Datasheet
232Kb / 2P
USB 3.0 Dual Receptacle, Full Size, Type A, Top Mount, Horizontal, Through-Hole
20th February 2013
USB1110 GCT-USB1110 Datasheet
201Kb / 2P
USB 3.0 Receptacle, Full Size, Type A, Mid-Bottom Mount, Horizontal, Through-Hole
20th February 2013
USB1125 GCT-USB1125 Datasheet
288Kb / 2P
USB 2.0 Receptacle, Type A,Through Hole, Horizontal, Top Mount, Without Flange
12th June 2020
USB1130 GCT-USB1130 Datasheet
214Kb / 2P
USB 2.0 Receptacle, Type A, 4 Pin, Through Hole, Horizontal, Top Mount, Without Flange
6th August 2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com