Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3080 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB3080
Description  Micro USB Receptacle, TYPE B, SMT, R/A, Bottom Mount, Optional Peg, With Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3080 Datasheet(HTML) 2 Page - Global Connector Technology

  USB3080 Datasheet HTML 1Page - Global Connector Technology USB3080 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIRST APPROXIMATELY
15PCS EMPTY CARRIER
12.0
4.0
4.0
6
P S
Ø23
Ø13.5
120°
I/O Direction
卷盘绕逆时针方向转动
Cover Tape
盖带
Carrier Tape
载带
Reel 卷筒
ø330
Detail F
Detail F
Products P/N
USB3080-30-XX-A
PCS/Reel
1500
4
Reels/Carton PCS/Carton
6000
700x600x0.08
350m
m
35
0m
m
Notes注意:
1. Peeling off force of top tape: 0.1-1.3N
2. Part Conforms to EIA-481-C Standards产品符合EIA-481-C标准
3. All dimensions in millimeters 所有尺寸均是毫米
4. 10 sprocket hole pitch cumulative tolerance±0.2mm
Peel off Angle
剥离角度
FIRST APPROXIMATELY
15PCS EMPTY CARRIER
Label
标签
Protection Tape
保护胶带
Waterproof bag
防水袋
Cardboard
纸板
Triangle Liner
三角形班轮
Carton
纸箱
4 Reels
4 卷轴
1500 pieces/reel
1500 件/卷
A
1
B
C
D
23
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
SA
Sheet No.
2/2
USB3080
CC
USB3080
E PCN
E2
By
Detail
Revision
Part Number
Drawing Date
04th April 2011
15/02/17
Date
Micro USB Receptacle, TYPE B, SMT, R/A, Bottom Mount,
Optional Peg, With Shell Stakes
www.gct.co



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com