Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3100 Datasheet(PDF) 1 Page - Global Connector Technology

Part # USB3100
Description  Micro USB Receptacle, Type B, Surface Mount, Horizontal, Top (Reverse) Mount, without Peg
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3100 Datasheet(HTML) 1 Page - Global Connector Technology

  USB3100 Datasheet HTML 1Page - Global Connector Technology USB3100 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ordering Grid
Contact Plating
30 = 30µ" Gold
USB3100
30
Specifications
Material
Plastic Housing: LCP, UL94V-0, Black (E106764)
Contact Terminal: Copper Alloy
Metallic Shell: Stainless Steel, SUS 304, T = 0.25mm
Plating
Contact Teminal:
Contact Area: 30µ" Gold plating
Solder Tails: Gold Flash
Underplating: 50µ" Nickel
Metallic Shell: Matte Tin
A
Packing Options
A = Tape & Reel
(1.5K per Reel)
Designed to comply with
physical, electrical and
environmental requirements
of Micro USB Standard (USB2.0).
0.10
3.50
2.70
A
A
7.80
5.00±0.30
7.40
9.23
0.65
2.60
0.28
4.75
6.20
3.5 Max.
5.00
6.90+0.05
-0.02
5.40±0.05
0.40
2.60
0.65
1.60
10.00
6.80
5.60
3.90
Section A-A
PCB Edge
Recommended PCB Layout
As viewed from component side
General Tolerance: ±0.05
Solder Area
Component Outline
2.85
PCB Mount Orientation
5
1
5
1
Request Samples
and Quotation
Electrical
Voltage Rating: 30 V AC
Current Rating: Signal (Pins 2,3,4):1.0A.
Power (Pins1,5):1.8A.
Operating Temperature: -30°C to +85°C
Contact Resistance: 30mΩ max.
Insulating Resistance: 1000MΩ min.
Dielectric Withstand Voltage: 500V AC/Minute
Mechanical & Environmental
Mating Force: 35N max.
Unmating Force: 10N min.
Durability: 10,000 Cycles
1.40
0.50
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
X.X ± 0.2
X.XX ± 0.10
X.XXX ± 0.05
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
ASE
Sheet No.
1/2
USB3100
Micro USB Receptacle, Type B, Surface Mount,
Horizontal, Top (Reverse) Mount, without Peg
CC
USB3100
B PCN
B5
By
Detail
Revision
Part Number
Drawing Date
1st June 2012
19/06/18
Date
X.X° ± 2°
X.XX° ± 1°
X.XXX° ± 0.5°
www.gct.co


Similar Part No. - USB3100

ManufacturerPart #DatasheetDescription
logo
Global Connector Techno...
USB3105 GCT-USB3105 Datasheet
197Kb / 2P
Micro USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
4th April 2011
logo
List of Unclassifed Man...
USB3105-30-A ETC-USB3105-30-A Datasheet
240Kb / 2P
USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
logo
Global Connector Techno...
USB3106 GCT-USB3106 Datasheet
189Kb / 2P
Micro USB Receptacle, Type A/B, Vertical, Through Hole with 2.30mm (Standard) Shell Stakes
28th October 2013
USB3106 GCT-USB3106 Datasheet
151Kb / 6P
Micro USB Receptacle, Type A/B, Vertical, Through-Hole with 2.30mm (Standard) Shell Stakes
03/12/13 Rev A
USB3106-30-0230-A GCT-USB3106-30-0230-A Datasheet
151Kb / 6P
Micro USB Receptacle, Type A/B, Vertical, Through-Hole with 2.30mm (Standard) Shell Stakes
03/12/13 Rev A
More results

Similar Description - USB3100

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0473461001 MOLEX1-0473461001 Datasheet
34Kb / 2P
Micro-USB B Receptacle without Flange, Bottom Mount, Surface Mount, Lead-Free
1051640001 MOLEX1-1051640001 Datasheet
37Kb / 2P
Micro-USB B Receptacle without Flange, Top Mount, Surface Mount, Lead-Free
logo
Global Connector Techno...
USB3135 GCT-USB3135 Datasheet
202Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal Top (Reverse) Mount, without Peg, with Outer Shell Stakes
1st June 2012
USB3155 GCT-USB3155 Datasheet
185Kb / 2P
Micro USB Receptacle, Type B SMT, Horizontal, Mid-Bottom Mount
9th April 2015
USB3505 GCT-USB3505 Datasheet
249Kb / 4P
Micro USB Type B Receptacle,Top-Mount,IP67
6th September 2019
USB1125 GCT-USB1125 Datasheet
288Kb / 2P
USB 2.0 Receptacle, Type A,Through Hole, Horizontal, Top Mount, Without Flange
12th June 2020
USB3070 GCT-USB3070 Datasheet
200Kb / 2P
Micro USB Receptacle, Type B, Mid-Mount SMT, Right Angled, Bottom Mount, 1.00mm Offset, Without Peg
4th April 2011
USB3075 GCT-USB3075 Datasheet
209Kb / 2P
Micro USB Receptacle, Type B, SMT, Horizontal, Bottom Mount (Standard), without Peg, with Outer Shell Stakes
4th February 2011
USB3085 GCT-USB3085 Datasheet
212Kb / 2P
Micro USB Receptacle, Type AB, Surface Mount, Horizontal, Bottom Mount, Without Peg
4th April 2011
logo
Molex Electronics Ltd.
SD-105017-001 MOLEX-SD-105017-001 Datasheet
178Kb / 2P
MICRO USB BOTTOM MOUNT RECEPTACLE, B TYPE
2008.01.23
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com