Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB3105 Datasheet(PDF) 2 Page - Global Connector Technology

Part # USB3105
Description  Micro USB Receptacle, Type AB, Through-Hole, Vertical, with 1.5mm Through-Hole Shell Stakes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GCT [Global Connector Technology]
Direct Link  https://gct.co/
Logo GCT - Global Connector Technology

USB3105 Datasheet(HTML) 2 Page - Global Connector Technology

  USB3105 Datasheet HTML 1Page - Global Connector Technology USB3105 Datasheet HTML 2Page - Global Connector Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.00±0.10
4.00
12.00±0.10
120
264
18036
Round Sprocket Hole
Ø
1.
50
+0
.1
0
-0
.0
0
100
6
P S
I/O Direction
Cover Tape
Carrier Tape
Reel
ø330
Label
Protection Tape
1,500 Pieces/Reel
Triangle Liner
Carton
Products P/N
USB3105
PCS/Reel
1,500
10
Reels/Carton PCS/Carton
15,000
10 Reels
First approximately
10pcs empty carrier
First approximately
22pcs empty carrier
Cover tape is empty
16.5mm
A
1
B
C
D
2
3
E
F
G
H
67
8
C
4
5
3rd Angle Projection
Units:
Metric (mm)
Tolerances (Except as Noted)
Length
Angle
Product Description
This drawing is confidential and
copyright of Global Connector
Technology, Ltd (GCT).
This drawing must not be copied
or disclosed without written
consent. E & OE
Not to
Scale
Drawn By
AJO
Sheet No.
2/2
USB3105
Micro USB Receptacle, Type AB, Through-Hole,
Vertical, with 1.5mm Through-Hole Shell Stakes
CC
USB3105
F PCN
F4
By
Detail
Revision
Part Number
Drawing Date
4th April 2011
25/08/17
Date
Carries Tape
Cover Tape
350
mm
35
0m
m
Tape
Label
GP Label
PE Bag
GP
GP Label
www.gct.co



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com