Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8610AX Datasheet(PDF) 2 Page - Analog Devices

Part # LT8610AX
Description  ±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8610AX Datasheet(HTML) 2 Page - Analog Devices

  LT8610AX Datasheet HTML 1Page - Analog Devices LT8610AX Datasheet HTML 2Page - Analog Devices LT8610AX Datasheet HTML 3Page - Analog Devices LT8610AX Datasheet HTML 4Page - Analog Devices LT8610AX Datasheet HTML 5Page - Analog Devices LT8610AX Datasheet HTML 6Page - Analog Devices LT8610AX Datasheet HTML 7Page - Analog Devices LT8610AX Datasheet HTML 8Page - Analog Devices LT8610AX Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LTC2879X
2
Rev 0
For more information www.analog.com
ABSOLUTE MAXIMUM RATINGS
Supply Voltages (VCC).................................. –0.3V to 6V
Logic Input Voltages (RE, DE, DI) ................ –0.3V to 6V
Line Interface I/O (A, B) .............................. –60V to 60V
Line Interface I/O Difference (A–B)..........–120V to 120V
Receiver Output (RO)
LTC2879X ....................................–0.3V to VCC + 0.3V
Operating Ambient Temperature Range
LTC2879X .......................................... –55°C to 175°C
Storage Temperature Range .................. –65°C to 150°C
(Notes 1, 2, 5)
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 5V unless otherwise noted.
Lead Free Finish
TUBE
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2879XMS8E#PBF
LTC2879XMS8E#TRPBF
LTHFF
8-Lead Plastic MSOP
–55°C to 175°C
Consult ADI Marketing for parts specified with wider operating temperature ranges.
Consult ADI Marketing for information on nonstandard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
LTC2879X
1
2
3
4
RO
RE
DE
DI
8
7
6
5
VCC
B
A
GND
TOP VIEW
9
GND
MS8E PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 175°C, θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 9) IS GND, MUST BE SOLDERED TO PCB
PIN CONFIGURATION
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Supplies
VCC
Primary Power Supply
l
3.0
5.5
V
ICCS
LTC2879X Supply Current in Shutdown
Mode
DE = 0V, RE = VCC, DI = VCC
l
0
50
µA
DE = 0V, RE = VCC, DI = 0V
l
12
60
µA
ICCR
Supply Current with Only Receiver
Enabled
No Load, DE = 0V, RE = 0V
l
600
900
µA
ICCD
Supply Current with Only Driver Enabled No Load, DE = RE = VCC
l
700
1100
µA
ICCDR
Supply Current with Both Driver and
Receiver Enabled
No Load, DE = VCC, RE = 0V
l
750
1200
µA
Driver
|VOD(485)|
RS485 Differential Driver Output
Voltage, in Either Logic State
Figure 1 with No Load
l
VCC
V
RL = 27Ω,VCC = 4.5V to 5.5V (Figure 1)
l
1.5
3.4
V
RL = 27Ω,VCC = 3.0V to 3.6V (Figure 1)
l
0.8
1.8
V
|VOD(422)|
RS422 Differential Driver Output
Voltage, Either Logic State
Figure 1 with No Load
l
VCC
V
RL = 50Ω,VCC = 4.5V to 5.5V (Figure 1)
l
2
4
V
RL = 50Ω,VCC = 3.0V to 3.6V (Figure 1)
l
1
2
V
http://www.linear.com/product/LTC2879X#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com