Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM206ARS Datasheet(PDF) 4 Page - Analog Devices

Part # ADM206ARS
Description  0.1 μF, 5 V Powered CMOS RS-232 Drivers/Receivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM206ARS Datasheet(HTML) 4 Page - Analog Devices

  ADM206ARS Datasheet HTML 1Page - Analog Devices ADM206ARS Datasheet HTML 2Page - Analog Devices ADM206ARS Datasheet HTML 3Page - Analog Devices ADM206ARS Datasheet HTML 4Page - Analog Devices ADM206ARS Datasheet HTML 5Page - Analog Devices ADM206ARS Datasheet HTML 6Page - Analog Devices ADM206ARS Datasheet HTML 7Page - Analog Devices ADM206ARS Datasheet HTML 8Page - Analog Devices ADM206ARS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADM206/ADM207/ADM208/ADM211/ADM213
Rev. D | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Min
VCC
–0.3 V to +6 V
V+
(VCC – 0.3 V) to +14 V
V–
+0.3 V to –14 V
Input Voltages
TIN
–0.3 V to (VCC + 0.3 V)
RIN
±30 V
Output Voltages
TOUT
(V+, +0.3 V) to (V–, –0.3 V)
ROUT
–0.3 V to (VCC + 0.3 V)
Short-Circuit Duration
TOUT
Continuous
Power Dissipation
N-24 PDIP (Derate 13.5 mW/°C
above 70°C)
1000 mW
R-24 SOIC (Derate 12 mW/°C
above 70°C)
850 mW
R-28 SOIC (Derate 12.5 mW/°C
above 70°C)
900 mW
RS-24 SSOP (Derate 12 mW/°C
above 70°C)
850 mW
RS-28 SSOP (Derate 10 mW/°C
above 70°C)
900 mW
Thermal Impedance, θJA
N-24 PDIP
120°C/W
R-24 SOIC
85°C/W
R-28 SOIC
80°C/W
RS-24 SSOP
115°C/W
RS-28 SSOP
100°C/W
Operating Temperature Range
Industrial (A Version)
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature, Soldering
300°C
Vapor Phase (60 s)
215°C
Infrared (15 s)
220°
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com