Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3062EBCPZ-R7 Datasheet(PDF) 18 Page - Analog Devices

Part # ADM3062EBCPZ-R7
Description  3.0 V to 5.5 V, ±12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3062EBCPZ-R7 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADM3062EBCPZ-R7 Datasheet HTML 14Page - Analog Devices ADM3062EBCPZ-R7 Datasheet HTML 15Page - Analog Devices ADM3062EBCPZ-R7 Datasheet HTML 16Page - Analog Devices ADM3062EBCPZ-R7 Datasheet HTML 17Page - Analog Devices ADM3062EBCPZ-R7 Datasheet HTML 18Page - Analog Devices ADM3062EBCPZ-R7 Datasheet HTML 19Page - Analog Devices ADM3062EBCPZ-R7 Datasheet HTML 20Page - Analog Devices ADM3062EBCPZ-R7 Datasheet HTML 21Page - Analog Devices ADM3062EBCPZ-R7 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Data Sheet
ADM3061E/ADM3062E/ADM3063E/ADM3064E/
ADM3065E/ADM3066E/ADM3067E/ADM3068E
THEORY OF OPERATION
analog.com
Rev. H | 18 of 25
IEC ESD PROTECTED RS-485
The ADM3061E/ADM3062E/ADM3063E/ADM3064E/ADM3065E/
ADM3066E/ADM3067E/ADM3068E are 3.0 V to 5.5 V, 50 Mbps
RS-485 transceivers with IEC 61000-4-2 Level 4 ESD protection
on the bus pins. These devices can withstand up to ±12 kV
contact discharge on transceiver bus pins (A, B, Y, and Z) with-
out latch-up or damage. The ADM3061E/ADM3062E/ADM3063E/
ADM3064E have the same robust IEC 61000-4-2 ESD protection
as the ADM3065E/ADM3066E/ADM3067E/ADM3068E models, and
operate at a lower, 500 kbps data rate.
HIGH DRIVER DIFFERENTIAL OUTPUT
VOLTAGE
The ADM3061E/ADM3062E/ADM3063E/ADM3064E/ADM3065E/
ADM3066E/ADM3067E/ADM3068E have characteristics that are
optimized for use in PROFIBUS applications. When powered at
VCC ≥ 4.5 V, the ADM3061E/ADM3062E/ADM3063E/ADM3064E/
ADM3065E/ADM3066E/ADM3067E/ADM3068E driver output differ-
ential voltage meets or exceeds the PROFIBUS requirements of 2.1
V with a 54 Ω load.
IEC 61000-4-2 ESD PROTECTION
ESD is the sudden transfer of electrostatic charge between bodies
at different potentials either caused by near contact or induced by
an electric field. It has the characteristics of high current in a short
time period. The primary purpose of the IEC 61000-4-2 test is to
determine the immunity of systems to external ESD events outside
the system during operation. IEC 61000-4-2 describes testing using
two coupling methods: contact discharge and air discharge. Contact
discharge implies a direct contact between the discharge gun and
the equipment under test (EUT). During air discharge testing, the
charged electrode of the discharge gun is moved toward the EUT
until a discharge occurs as an arc across the air gap. The discharge
gun does not make direct contact with the EUT. A number of
factors affect the results and repeatability of the air discharge test,
including humidity, temperature, barometric pressure, distance, and
rate of approach to the EUT. This method is a more accurate
representation of an actual ESD event but is not as repeatable.
Therefore, contact discharge is the preferred test method.
During testing, the data port is subjected to at least 10 positive
and 10 negative single discharges. Selection of the test voltage is
dependent on the system end environment.
Figure 45 shows the 8 kV contact discharge current waveform as
described in the IEC 61000-4-2 specification. Some of the key
waveform parameters are rise times of less than 1 ns and pulse
widths of approximately 60 ns.
Figure 45. IEC 61000-4-2 ESD Waveform (8 kV)
Figure 46 shows the 8 kV contact discharge current waveform
from the IEC 61000-4-2 standard compared to the HBM ESD
8 kV waveform. Figure 46 shows that the two standards specify
a different waveform shape and peak current. The peak current
associated with an IEC 61000-4-2 8 kV pulse is 30 A, whereas
the corresponding peak current for HBM ESD is more than five
times less at 5.33 A. The other difference is the rise time of the
initial voltage spike, with the IEC 61000-4-2 ESD waveform having
a much faster rise time of 1 ns, compared to the 10 ns associated
with the HBM ESD waveform. The amount of power associated with
an IEC ESD waveform is much greater than that of an HBM ESD
waveform. The HBM ESD standard requires the EUT to be subject-
ed to three positive and three negative discharges, whereas the
IEC ESD standard requires 10 positive and 10 negative discharge
tests.
The ADM3061E/ADM3062E/ADM3063E/ADM3064E/ADM3065E/
ADM3066E/ADM3067E/ADM3068E with IEC 61000-4-2 ESD rat-
ings is better suited for operation in harsh environments compared
to other RS-485 transceivers that state varying levels of HBM ESD
protection.
Figure 46. IEC 61000-4-2 ESD Waveform (8 kV) Compared to HBM ESD
Waveform (8 kV)
TRUTH TABLES
Table 13 and Table 14 use the abbreviations shown in Table 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com