Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3063EARZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # ADM3063EARZ-R7
Description  3.0 V to 5.5 V, ±12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3063EARZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADM3063EARZ-R7 Datasheet HTML 17Page - Analog Devices ADM3063EARZ-R7 Datasheet HTML 18Page - Analog Devices ADM3063EARZ-R7 Datasheet HTML 19Page - Analog Devices ADM3063EARZ-R7 Datasheet HTML 20Page - Analog Devices ADM3063EARZ-R7 Datasheet HTML 21Page - Analog Devices ADM3063EARZ-R7 Datasheet HTML 22Page - Analog Devices ADM3063EARZ-R7 Datasheet HTML 23Page - Analog Devices ADM3063EARZ-R7 Datasheet HTML 24Page - Analog Devices ADM3063EARZ-R7 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 25 page
background image
Data Sheet
ADM3061E/ADM3062E/ADM3063E/ADM3064E/
ADM3065E/ADM3066E/ADM3067E/ADM3068E
APPLICATIONS INFORMATION
analog.com
Rev. H | 21 of 25
ISOLATED HIGH SPEED RS-485 NODE
Galvanic isolation, with reinforced insulation and 5 kV rms transi-
ent withstand voltage, can be added to the ADM3065E using
Analog Devices, Inc., iCoupler® and isoPower® technology. The
ADuM6421A provides the required quad channels of 5 kV rms
signal isolation, operating at rates up to 100 Mbps, together with
an integrated dc-to-dc converter. The ADuM6421A combines with
the ADM3065E (shown in Figure 48) with the VISO pin configured
for 3.3 V by connecting the VSEL pin to GNDISO and a 5 V supply
connected to VDDP and VDD1. Operation at 3.3 V ensures the
ADM3065E remains within the load capability of the ADuM6421A.
The dc-to-dc converter in the ADuM6421A isoPower device
provides regulated, isolated power to the ADM3065E. The AD-
uM6421A is designed to meet Class B radiated emissions require-
ments on a 2-layer PCB. See the ADuM6421A data sheet for PCB
layout recommendations.
Galvanic isolation of the ADM3065E at the full data rate, up to
50 Mbps, can be implemented using the ADuM241D quad-channel
digital isolator and the ADuM6028 isolated dc-to-dc converter, as
shown in Figure 49. The ADuM6028 is an 8-pin device that contains
a 300 mW dc-to-dc converter optimized to meet emissions stand-
ards on a 2-layer PCB using two ferrite beads. The ADuM241D
operates at a data rate up to 150 Mbps, and offers the precise
timing required to fully support the ADM3065E at 50 Mbps.
Figure 48. Signal and Power Isolated 25 Mbps RS-485 Solution (Simplified Diagram—All Connections Not Shown)
Figure 49. Signal and Power Isolated 50 Mbps RS-485 Solution (Simplified Diagram—All Connections Not Shown)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com