Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3065EARZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM3065EARZ-R7
Description  3.0 V to 5.5 V, ±12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3065EARZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM3065EARZ-R7 Datasheet HTML 4Page - Analog Devices ADM3065EARZ-R7 Datasheet HTML 5Page - Analog Devices ADM3065EARZ-R7 Datasheet HTML 6Page - Analog Devices ADM3065EARZ-R7 Datasheet HTML 7Page - Analog Devices ADM3065EARZ-R7 Datasheet HTML 8Page - Analog Devices ADM3065EARZ-R7 Datasheet HTML 9Page - Analog Devices ADM3065EARZ-R7 Datasheet HTML 10Page - Analog Devices ADM3065EARZ-R7 Datasheet HTML 11Page - Analog Devices ADM3065EARZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
Data Sheet
ADM3061E/ADM3062E/ADM3063E/ADM3064E/
ADM3065E/ADM3066E/ADM3067E/ADM3068E
ABSOLUTE MAXIMUM RATINGS
analog.com
Rev. H | 8 of 25
Table 6.
Parameter
Rating
VCC to GND
6 V
VIO to GND
−0.3 V to +6 V
Digital Input and Output Voltage (DE, RE, DI, and RO)
−0.3 V to VIO1 + 0.3 V
Driver Output and Receiver Input Voltage
−9 V to +14 V
Operating Temperature Ranges
−40°C to +85°C
−40°C to +125°C
Storage Temperature Range
−65°C to +150°C
Continuous Total Power Dissipation
8-Lead SOIC_N
0.225 W
8-Lead MSOP
0.151 W
10-Lead MSOP
0.151 W
10-Lead LFCSP
0.450 W
14-Lead SOIC_N
0.239 W
Maximum Junction Temperature (TJ)
150°C
Lead Temperature
Soldering (10 sec)
300°C
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
ESD on the Bus Pins (A, B, Y, Z)
IEC 61000-4-2 Contact Discharge
±12 kV
IEC 61000-4-2 Air Discharge
10 Positive and 10 Negative Discharges
≥±12 kV
Three Positive or Three Negative Discharges
±15 kV
ESD Human Body Model (HBM)
On the Bus Pins (A, B, Y, Z)
≥±30 kV
All Other Pins
±8 kV
1 VIO = VCC on the ADM3061E/ADM3063E/ADM3065E/ADM3067E.
Stresses at or above those listed under Absolute Maximum Ratings
may cause permanent damage to the product. This is a stress
rating only; functional operation of the product at these or any other
conditions above those indicated in the operational section of this
specification is not implied. Operation beyond the maximum operat-
ing conditions for extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to PCB
thermal design is required.
θJA is the natural convection junction to ambient thermal resistance
measured in a one cubic foot sealed enclosure.
θJC is the junction to case thermal resistance.
Table 7. Thermal Resistance
Package Type
θJA1
θJC1
Unit
R-8
110.88
58.63
°C/W
RM-8
165.69
49.61
°C/W
RM-10
165.69
49.61
°C/W
R-14
104.5
42.90
°C/W
CP-10-9
55.65
33.22
°C/W
1 Thermal impedance simulated values are based on JEDEC 2S2P thermal test
board with no bias. See JEDEC JESD-51.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Charged devi-
ces and circuit boards can discharge without detection. Although
this product features patented or proprietary protection circuitry,
damage may occur on devices subjected to high energy ESD.
Therefore, proper ESD precautions should be taken to avoid
performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com