Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM3065EBRZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # ADM3065EBRZ-R7
Description  3.0 V to 5.5 V, ±12 kV IEC ESD Protected, 500 kbps/50 Mbps RS-485 Transceivers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3065EBRZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADM3065EBRZ-R7 Datasheet HTML 9Page - Analog Devices ADM3065EBRZ-R7 Datasheet HTML 10Page - Analog Devices ADM3065EBRZ-R7 Datasheet HTML 11Page - Analog Devices ADM3065EBRZ-R7 Datasheet HTML 12Page - Analog Devices ADM3065EBRZ-R7 Datasheet HTML 13Page - Analog Devices ADM3065EBRZ-R7 Datasheet HTML 14Page - Analog Devices ADM3065EBRZ-R7 Datasheet HTML 15Page - Analog Devices ADM3065EBRZ-R7 Datasheet HTML 16Page - Analog Devices ADM3065EBRZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Data Sheet
ADM3061E/ADM3062E/ADM3063E/ADM3064E/
ADM3065E/ADM3066E/ADM3067E/ADM3068E
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. H | 13 of 25
Figure 15. Shutdown Current (ISHDN) vs. Temperature
Figure 16. Supply Current (ICC) vs. Temperature, Data Rate = 50 Mbps, 50
Mbps Models, VCC = 3.3 V
Figure 17. Supply Current (ICC) vs. Temperature, Data Rate = 50 Mbps, 50
Mbps Models, VCC = 5.0 V
Figure 18. Supply Current (ICC) vs. Data Rate with 54 Ω Load Resistance, 50
Mbps Models
Figure 19. Supply Current (ICC) vs. Data Rate with No Load Resistance,
50 Mbps Models
Figure 20. Supply Current (ICC) vs. Data Rate with 54 Ω Load Resistance and
No Load Resistance, 500 kbps Models



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com