Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MU9C4320L Datasheet(PDF) 2 Page - MUSIC Semiconductors

Part # MU9C4320L
Description  4K x 32 Content Addressable Memory (CAM) with a 32-bit wide data interface
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MUSIC [MUSIC Semiconductors]
Direct Link  http://www.alldatasheet.com/
Logo MUSIC - MUSIC Semiconductors

MU9C4320L Datasheet(HTML) 2 Page - MUSIC Semiconductors

  MU9C4320L Datasheet HTML 1Page - MUSIC Semiconductors MU9C4320L Datasheet HTML 2Page - MUSIC Semiconductors MU9C4320L Datasheet HTML 3Page - MUSIC Semiconductors MU9C4320L Datasheet HTML 4Page - MUSIC Semiconductors MU9C4320L Datasheet HTML 5Page - MUSIC Semiconductors MU9C4320L Datasheet HTML 6Page - MUSIC Semiconductors MU9C4320L Datasheet HTML 7Page - MUSIC Semiconductors MU9C4320L Datasheet HTML 8Page - MUSIC Semiconductors MU9C4320L Datasheet HTML 9Page - MUSIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
MU9C4320L ATMCAM
General Description
2
Rev. 3
GENERAL DESCRIPTION
The MU9C4320L ATMCAM is a 4K x 32 Content
Addressable Memory (CAM) with a 32-bit wide data
interface. The device is designed for use in ATM switches
and routers to provide very high throughput VPI/VCI
translation through lookup tables held in external RAM.
VPI/VCI fields from the ATM cell header are compared
against a list of current connections stored in the CAM
array. As a result of the comparison, the ATMCAM
generates an address that is used to access an external
RAM where VPI/VCI mapping data and other information
associated with the connection are stored.
The ATMCAM simultaneously compares the VPI/VCI in
the CAM array as well as the VPI in a separate VP table.
This capability provides support for both VPCs and VCCs,
and halves the number of cycles needed to compare VPI
and VCI information. A set of control states provides a
powerful and flexible control interface to the ATMCAM.
This control structure allows memory read and write,
register read and write, data move, comparison, validity
control, addressing control, and initialization operations.
The ATMCAM architecture uses a non-multiplexed data
bus, direct hardware control of the device, and an
independent bus for returning match results. Software
control is also supported for systems where optimum
performance is not needed.
OPERATIONAL OVERVIEW
The ATMCAM is designed to act as an address translator
for lookup tables in ATM switch and router systems. It
takes incoming VP/VC identifiers in ATM cell headers
and generates addresses that access data in an external
RAM. The RAM holds translated VPI/VCI information
and other data relating to the particular connection. Refer
to Figure 2 for a simplified block diagram of an ATM
switch.
When a new connection is set up, the VPI/VCI of the
connection is written to the ATMCAM. The write cycle
can be to either a specific address within the device, or to
the next free address. The address at which the write takes
place is driven onto the Output Address bus, so VPI/VCI
mapping data can be written simultaneously into the
external RAM at the correct address.
With the connection established, the controller strips the
VPI/VCI information off an arriving cell to form the
Comparand, which is then compared against the contents
of the ATMCAM. The ATMCAM generates an address
that is used to access the VPI/VCI mapping data in the
external RAM. The controller reads the data from the
RAM and prefixes the translated header to the cell
payload.
If the switch operates on VPI only, as well as on full VPI/
VCI, the ATMCAM can compare both the VPI and VPI/
VCI fields simultaneously. The option to test VPI fields is
selected in the Configuration register of the ATMCAM.
When selected, the VPI field is used to form an address
that accesses a single-bit RAM array in the ATMCAM.
This area of memory is referred to as the VP Table, and
holds a single bit of information indicating the validity of
a VP value.
Figure 2: Switch Block Diagram
ATMCAM
Switch
Fabric
ATM Data Stream
ATM Controller
CAM
Control
Switch
Control
and
Data
VPI/VCI
Address
RAM
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com