Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP337A Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TP337A
Description  Thermopile Infrared Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TP337A Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TP337A Datasheet HTML 1Page - List of Unclassifed Manufacturers TP337A Datasheet HTML 2Page - List of Unclassifed Manufacturers TP337A Datasheet HTML 3Page - List of Unclassifed Manufacturers TP337A Datasheet HTML 4Page - List of Unclassifed Manufacturers TP337A Datasheet HTML 5Page - List of Unclassifed Manufacturers TP337A Datasheet HTML 6Page - List of Unclassifed Manufacturers TP337A Datasheet HTML 7Page - List of Unclassifed Manufacturers TP337A Datasheet HTML 8Page - List of Unclassifed Manufacturers TP337A Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Thermopile Infrared Sensor
TP337



 Electrical Characteristics
Parameter
Condition
Min.
Typ.
Max.
Unit
Thermopile
Number of thermojunctions
---
116
---
Chip size
---
1740*1740
---
m2
Active region size
Interference
layer
---
Diameter
545
---
m
Thickness of substrate
Silicon-
substrate
600
625
650
m
Resistance of thermopile
25

50
60
70
K

Sensitivity
With 5-14
m
filter
70
85
100
V/W
Detecctivity
1.0*108
1.3*108
1.7*108 cm*Hz1/2/W
Time constant
---
16
---
ms
Noise voltage
28
31
33
nV/Hz1/2
NEP
0.28
0.36
0.48
nW/Hz1/2
Temperature range
Operation
-20
---
100

Temperature reference resistor
---
Resistance
25

29.1
30.0
30.9
K

Temperature coefficient of resistance 25

3773
3811
3849
K
Measured at 1 Hz chopper frequency, within spectral range 5-14
m, using a blackbody radiator of
500K temperature.
Note : Thermistor should be operated under 1mA.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com