Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LW-SERIES Datasheet(PDF) 7 Page - DIWELL Electronics Co., Ltd.

Part # LW-SERIES
Description  5W WIDE INPUT RANGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

LW-SERIES Datasheet(HTML) 7 Page - DIWELL Electronics Co., Ltd.

  LW-SERIES Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 8Page - DIWELL Electronics Co., Ltd. LW-SERIES Datasheet HTML 9Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
DANUBE
http://www.danube.com.tw
2010/07/01
7
SIMPLIFIED SCHEMATIC
SINGLE OUTPUT
DUAL OUTPUT
-Vin
+Vin
+Vout
-Vout
REFERENCE
&
ERROR AMP
ISOLATION
PFM
CONTROLLER
-Vin
+Vin
+Vout
-Vout
REFERENCE
&
ERROR AMP
ISOLATION
PFM
CONTROLLER
Common
MECHANICAL DIMENSIONS &
RECOMMENDED FOOTPRINT DETAILS
PIN
SINGLE
DUAL
1
+Vin
+Vin
2
-Vin
-Vin
3
+Vout
+Vout
4
NO PIN
Common
5
-Vout
-Vout
All dimensions are in millimeters[inches]
50.8[2.00]
1
2
3
4
5
15.24[0.60]
20.32[0.80]
5.8[0.23]
5.08[0.20]
10.2[0.40]
7.66[0.30]
11.27[0.44]
20.4[0.80]
SIDE
VIEW
25.4[1.00]
BOTTOM
VIEW
NOTE:Pin Size is Tolerance 0.8Φ ±0.10mm
NOTE:Pin Size is Tolerance 1.0Φ ±0.10mm
All Dimensions In mm(Inches)
Tolerance .X or .XX= ±0.80mm
GRID : 2.54mm
1
5
TOP VIEW
2
4
3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com