Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TBP Datasheet(PDF) 2 Page - DIWELL Electronics Co., Ltd.

Part # TBP
Description  Non-contact Infrared Temperature Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

TBP Datasheet(HTML) 2 Page - DIWELL Electronics Co., Ltd.

  TBP Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. TBP Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. TBP Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. TBP Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. TBP Datasheet HTML 5Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TB(P) Series Specification
Non-contact Infrared Temperature Sensor
Page
2 of 5
1.0.0
Typical application schematics
- TB series (External pull-up resistor required)
- TBP series(No external resistor required. 1.5㏀ pull-up resistor applied)
SMBus compatible 2-wire protocol
- The TB(P) series supports a 2 wire serial protocol. And the TB(P) only supports two
protocols on standard SMBus interface.
Supported commands are: Read Word, Write Word
Functional description
The TB(P) sensor module can only be used as a slave device. Maximum number of
devices on one bus is 127, higher pull-up currents are recommended for higher
number of devices, faster bus data transfer rates, and increased reactive loading of
the bus. If the access to the device is a read operation it will respond with 16 data
bits and 8 bit PEC only if its own slave address.
Bus Protocol
The TB(P) sensors are preset to address 0x3A by default.
1
7
1
1
8
1
1
S
Slave Address
Wr
A
Data Byte
A
P
S
Start Condition
Sr
Repeated Start Condition
Rd
Read (bit value of 1)
Wr
Write (bit value of 0)
A
Acknowledge(this bit can be 0 for ACK and 1 for Nack)
S
Stop condition
PEC
Packet Error Code(*)
Master-to-Slave
Slave-to-Master
* The PEC calculation includes all bits except the START, REPEATED START, STOP, ACK,
and NACK bits. The PEC is a CRC-8 with polynomial X8+X2+X1+1. The MSB(Most
Significant Bit) of every byte is transferred first.
Packet Error Code(PEC) Calculation
A packet error checking mechanism according to SMBus specification version 1.1 is
implemented. The packet error checking of SMBus devices uses an 8-bit cyclic
redundancy check (CRC-8) to calculate the PEC.
The polynomial used is C(x)= 100000111 (= x8 + x2 + x + 1) .
The PEC calculation includes all bytes in the transmission, including address,
command and data. It does not include ACK, NACK, START, STOP bits. Refer to the
Arduino example code for detailed PEC calculation.
Read Word
1
7
1
1
8
1
1
7
1
1
S
Slave Address
Wr
A
Command
Address(*)
A
Sr
Slave
Address
Rd
A
8
1
8
1
8
1
1
∙∙∙
Data Byte
Low
A
Data Byte
High
A
PEC
A
P
* Command Address configures
Register Name
Command Address
R/W
Ambient
0x06
R
Object
0x07
R
Emissivity correction coefficient
0x24
R/W
Slave Address
0x2E
R/W
Any device will respond to address zero
The MSB of the temperature data is an error flag (active high).
Please note after POR additional delay is needed before first reading can be started.
- Read operation flow diagram
Oscilloscope waveform image 1. (Read Object)
Oscilloscope waveform image 2. (Read Ambient)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com