Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMF3000A Datasheet(PDF) 1 Page - DIWELL Electronics Co., Ltd.

Part # TMF3000A
Description  Topstek Current Transducer TMF500A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

TMF3000A Datasheet(HTML) 1 Page - DIWELL Electronics Co., Ltd.

  TMF3000A Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. TMF3000A Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. TMF3000A Datasheet HTML 3Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Topstek Current Transducer TMF500A .. TMF3000A
- 105 -
www.topstek.com
TMF
V3
10/11/2011
TMF 500A~3000A
Features
♦
Highly reliable Hall Effect device
♦
Compact and light weight
♦
Fast response time
♦
Excellent linearity of the output voltage over a wide input range
♦
Excellent frequency response (> 50 kHz)
♦
Low power consumption (16 mA nominal)
♦
Capable of measuring both DC and AC, both pulsed and mixed
♦
High isolation voltage between the measuring circuit and the
current-carrying conductor (AC2.5KV)
♦
Extended operating temperature range
♦
Flame-Retardant plastic case and silicone encapsulate, using
UL classified materials, ensures protection against
environmental contaminants and vibration over a wide
temperature and humidity range
Applications
♦
UPS systems
♦
Process control devices
♦
AC and DC servo systems
♦
Motor speed controller
♦
Electrical vehicle controllers
♦
Inverter-controlled welding machines
♦
General and special purpose inverters
♦
Controller for traction equipment e.g. electric trains
Specifications
Parameter
Symbol Unit
TMF
500A
TMF
800A
TMF
1000A
TMF
1200A
TMF
1500A
TMF
2000A
TMF
2500A
TMF
3000A
Nominal Input Current
Ifn
A DC
500
800
1000
1200
1500
2000
2500
3000
Linear Range
Ifs
A DC ±1500 ±2400 ±3000 ±3600 ±4500 ±6000 ±7000 ±7500
Nominal Output Voltage
Vhn
V
4 V±1% at If=Ifn ( RL=10kΩ)
Offset Voltage
Vos
mV
Within ±15 mV @ If=0, Ta=25°C
Output Resistance
ROUT
Ω
<100Ω
Hysteresis Error
Voh
mV
Within ±30 mV @ If=Ifn→0
Supply Voltage
VCC/VEE
V
±15V ±5%
Linearity
ρ
%
Within ±1% of Ifn
Consumption Current
ICC
mA
±16 mA nominal
Response Time (90%Vhn)
Tr
µ
sec
5 µsec max. @ d If /dt = Ifn/ µsec
Frequency bandwidth (-3dB)
fBW
Hz
DC to 50kHz
Thermal Drift of Output
-
%/°C
Within ±0.1 %/°C @ Ifn
Thermal Drift of Zero Current Offset
-
mV/°C
Within ±1.5 mV/°C @ Ifn
Dielectric Strength
-
V
AC2.5KV X 60 sec
Isolation Resistance @ 1000 VDC
RIS
MΩ
>500 MΩ
Operating Temperature
Ta
°C
-15°C to 80°C
Storage Temperature
Ts
°C
-20°C to 85°C
Mass
W
g
470 g


Similar Part No. - TMF3000A

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TMF3000A TOPSTEK-TMF3000A Datasheet
135Kb / 2P
Topstek Current Transducer
More results

Similar Description - TMF3000A

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TQH5A TOPSTEK-TQH5A Datasheet
86Kb / 2P
Topstek Current Transducer
TQDV25A TOPSTEK-TQDV25A Datasheet
105Kb / 2P
Topstek Current Transducer
TMC200A TOPSTEK-TMC200A Datasheet
124Kb / 2P
Topstek Current Transducer
TMBH100A TOPSTEK-TMBH100A Datasheet
125Kb / 2P
Topstek Current Transducer
TKP3A TOPSTEK-TKP3A Datasheet
83Kb / 2P
Topstek Current Transducer
THP5A TOPSTEK-THP5A Datasheet
105Kb / 2P
Topstek Current Transducer
THDD5A TOPSTEK-THDD5A Datasheet
92Kb / 2P
Topstek Current Transducer
TGD3A TOPSTEK-TGD3A Datasheet
93Kb / 2P
Topstek Current Transducer
TC5A TOPSTEK-TC5A Datasheet
154Kb / 4P
Topstek Current Transducer
TQE-T5 TOPSTEK-TQE-T5 Datasheet
151Kb / 2P
Topstek Current Transducer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com