Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DLS3SS5BN21X Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # DLS3SS5BN21X
Description  DUAL-PORT 15.88mm FEMALE/FEMALE 2x9pos. - 2x37pos. with PCB Clips
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

DLS3SS5BN21X Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  DLS3SS5BN21X Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - DLS3SS5BN21X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
DLS3SS5BN21X CONEC-DLS3SS5BN21X Datasheet
62Kb / 1P
DUAL-PORT 15.88mm FEMALE/FEMALE 2x9pos. - 2x37pos. with PCB Clips
20.03.2013
DLS3SS5BN21X CONEC-DLS3SS5BN21X Datasheet
62Kb / 1P
DUAL-PORT 15.88mm FEMALE/FEMALE 2x9pos. - 2x37pos. with PCB Clips
20.03.2013
More results

Similar Description - DLS3SS5BN21X

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
163A20009X CONEC-163A20009X Datasheet
244Kb / 3P
DUAL PORT 15.88mm MALE / FEMALE 2x9pos. - 2x37pos. with threaded insert and clip
21.11.2005
164A20449X CONEC-164A20449X Datasheet
217Kb / 3P
DUAL PORT 15.88mm FEMALE / MALE 2x9pos. - 2x37pos. with threaded insert and clip
03.02.2006
164A20489X CONEC-164A20489X Datasheet
183Kb / 3P
DUAL PORT 15.88mm FEMALE / MALE 2x9pos. - 2x37pos. with threaded insert and 2 x PCB clip
23.01.2003
DLS1PS5AN21X CONEC-DLS1PS5AN21X Datasheet
50Kb / 1P
DUAL-PORT 15.88mm MALE/FEMALE 2x9pos. with PCB clips
06.04.2011
DLS1SS5AN21X CONEC-DLS1SS5AN21X Datasheet
62Kb / 1P
DUAL-PORT 15.88mm FEMALE/FEMALE 2x9pos. - 2x37pos. with PCB Clips
20.03.2013
DLS1SS5AN23X CONEC-DLS1SS5AN23X Datasheet
63Kb / 1P
D-SUB DUAL-PORT Female/Female 2x9pos. - 2x37pos. with 4-40 UNC inserts and clips
11.10.2004
DLS2SS5AN21X CONEC-DLS2SS5AN21X Datasheet
62Kb / 1P
DUAL-PORT 15.88mm FEMALE/FEMALE 2x9pos. - 2x37pos. with PCB Clips
20.03.2013
DLS2SS5AN23X CONEC-DLS2SS5AN23X Datasheet
63Kb / 1P
D-SUB DUAL-PORT Female / Female 2x9pos. - 2x37pos. with 4-40 UNC inserts and clips
11.10.2004
DLS3SS5AN21X CONEC-DLS3SS5AN21X Datasheet
62Kb / 1P
DUAL-PORT 15.88mm FEMALE/FEMALE 2x9pos. - 2x37pos. with PCB Clips
20.03.2013
DLS4SS5AN23X CONEC-DLS4SS5AN23X Datasheet
69Kb / 1P
D-SUB DUAL-PORT Female / Female 2x9pos. - 2x37pos. with 4-40 UNC inserts and clips
11.10.2004
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com