Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-RPS-V3-PSE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # BB-RPS-V3-PSE
Description  FLEXIBLE, MODULAR LAN ROUTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-RPS-V3-PSE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  BB-RPS-V3-PSE Datasheet HTML 1Page - Advantech Co., Ltd. BB-RPS-V3-PSE Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.advantech-bb.com / Enabling an Intelligent Planet
All product specifications are subject to change without notice.
SmartFlex SR300
FLEXIBLE, MODULAR LAN ROUTER
+ Powerful CPU and enhanced memory
+ Extended operational temperature range from -40 °C to +75 °C
+ 10-60 VDC operation with transient and reverse polarity voltage
protection
+ MicroSD card holder, In/Out, USB Host
+ Low power consumption mode for solar and battery power applications
+ Optional industrial grade Wi-Fi
+ Optional PoE PSE or PoE PD on ETH0 and ETH1
+ Advanced security features
The SmartFlex SR300 router provides secure Internet connectivity for
devices and LANs via the WAN networks. It can be used to provide automatic
wireless failover for wired networks, wireless connectivity for devices in
remote locations where cable connections are impractical, and wireless
connectivity for mobile assets. With upload speeds of up to 100 Mbit/s and
download speeds of up to 100 Mbps, the SmartFlex SR300 provides ample
bandwidth, even for applications that require video.
The SmartFlex SR300 places intelligence at the network edge with an
extremely powerful Cortex A8 CPU at 1GHz, 256 MB flash memory, 512
MB RAM and 128kB M-RAM, providing full support for LAN speeds and
applications. A secure Web interface allows users to configure and manage
SmartFlex SR300 from remote locations. The router can also upgrade its
configuration and firmware from the operator’s central server,
allowing for simultaneous mass reconfiguration of every router on the
network. Users may insert Linux scripts and they can create multiple
configurations for the same router. Users may switch from one
configuration to another at any time.
The standard configuration includes 5 Ethernet ports with 3 independent
LANs/ IP addresses. The standard configuration also includes 1 USB
host port, 1 microSD card holder, 2 binary inputs(I/O) . An optional
built-in Wi-Fi module is also available, with industrial grade operating
temperature ranges from -40 to +75 °C.
The SmartFlex SR300 supports real time data encryption and the creation
of VPN tunnels using IPsec, OpenVPN and L2TP. It supports DHCP, NAT,
NAT-T, DynDNS, NTP, VRRP, and numerous other functions, as well as
additional software like SmartCluster VPN Server and R-SeeNet. other
functions, as well as additional software like SmartCluster VPN Server
and R-SeeNet.
INDUSTRY CERTIFICATIONS & APPROVALS
SR300 - EMEA
Radio
ETSI EN 300 328 V2.1.1, ETSI EN 301 893 V2.1.1
EMC
ETSI EN 301 489-1 V1.9.2, ETSI EN 301 489-1 V2.1.1, ETSI EN
301 489-17 V3.1.1
Safety
EN 60950-1:2006 + A11:2009 + A1:2010 + A12:2011 + A2:2013
+ AC:2011, EN 62311:2008
UL C1D2 and ATEX:
UL 60950-1, 2nd ed. + am1 + am2 *
CAN/CSA C22.2 No. 60950-1-07, 2nd ed. + am1 + am2 *
UL E486108 *
ATEX II 3 G Ex nA IIC T4 Gc, DEMKO 16 ATEX 1801X *
STANDARDS AND REGULATIONS
ORDER CODE
DESCRIPTION
BB-AW-A2458G-FSRPK 
Antenna Wi-Fi, 2.4 & 5.8 GHz
BB-RPS-v3-MO2-M
SmartFlex Power Supply, 12V/1A
BB-RPS-v3-PSE
SmartFlex Power Supply, 48V/1.35A (power cord required)
BB-PWRCORD-US
USA - Power Supply Power Cord
BB-PWRCORD-EU
EU - Power Supply Power Cord
BB-PWRCORD-UK
UK - Power Supply Power Cord
BB-PWRCORD-AUS
AU - Power Supply Power Cord
BB-SBD40
DIN Rail Clip - metal
BB-KN-v3-MO2-3
PS Cable 2-wire, MO 2 pins, 3m, v3 routers
BB-KIO-v3-MO6-3
IO Cable 6-wire, 3m, v3 routers
ACCESSORIES
SD card slot
RESET button
DIN holder
Ethernet 10/100 ports
PoE PSD capability
WiFi antenna connector
IN0, IN1, OUT
Power connector
USB Host
3-port SWITCH
Robust metal or plastic case
* Excluding versions with PoE PSE.
SmartFlex_SR300_December 7, 2017 10:46 AM


Similar Part No. - BB-RPS-V3-PSE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BB-RPS-V3-PSE ADVANTECH-BB-RPS-V3-PSE Datasheet
409Kb / 3P
FLEXIBLE, MODULAR LAN ROUTER
October 23, 2019 3:27 PM
BB-RPS-V3-PSE ADVANTECH-BB-RPS-V3-PSE Datasheet
363Kb / 3P
FLEXIBLE, MODULAR LAN ROUTER
February 15, 2018 10:23 AM
BB-RPS-V3-PSE ADVANTECH-BB-RPS-V3-PSE Datasheet
609Kb / 4P
FLEXIBLE, MODULAR LTE ROUTER
February 15, 2018 1:01 PM
BB-RPS-V3-PSE ADVANTECH-BB-RPS-V3-PSE Datasheet
654Kb / 4P
FLEXIBLE, MODULAR LTE ROUTER
September 25, 2019 12:08 PM
BB-RPS-V3-PSE ADVANTECH-BB-RPS-V3-PSE Datasheet
608Kb / 4P
FLEXIBLE, ADAPTABLE LTE ROUTER
February 27, 2018 9:06 AM
More results

Similar Description - BB-RPS-V3-PSE

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TM11R-5M2-88-LP HIROSE-TM11R-5M2-88-LP Datasheet
296Kb / 5P
Subminiature, LAN Modular Jack Connectors
logo
Omron Electronics LLC
XM9B OMRON-XM9B Datasheet
304Kb / 4P
Compact LAN Modular Jack Connectors
logo
Advantech Co., Ltd.
ICR-3201 ADVANTECH-ICR-3201 Datasheet
599Kb / 4P
INDUSTRIAL IoT LAN ROUTER & GATEWAY
June 3, 2020
logo
List of Unclassifed Man...
QUARTZ-ONYX ETC-QUARTZ-ONYX Datasheet
505Kb / 3P
5G 4 x LAN, Dual SIM, Low Latency Industrial Router
Rev 1.1
logo
Advantech Co., Ltd.
SR300 ADVANTECH-SR300_V01 Datasheet
363Kb / 3P
FLEXIBLE, MODULAR LAN ROUTER
February 15, 2018 10:23 AM
SR300 ADVANTECH-SR300_V02 Datasheet
409Kb / 3P
FLEXIBLE, MODULAR LAN ROUTER
October 23, 2019 3:27 PM
SR303 ADVANTECH-SR303_V03 Datasheet
609Kb / 4P
FLEXIBLE, MODULAR LTE ROUTER
February 15, 2018 1:01 PM
SR303 ADVANTECH-SR303_V04 Datasheet
654Kb / 4P
FLEXIBLE, MODULAR LTE ROUTER
September 25, 2019 12:08 PM
SR305 ADVANTECH-SR305 Datasheet
608Kb / 4P
FLEXIBLE, ADAPTABLE LTE ROUTER
February 27, 2018 9:06 AM
SR305 ADVANTECH-SR305_V01 Datasheet
639Kb / 4P
FLEXIBLE, ADAPTABLE LTE ROUTER
September 5, 2019 8:54 AM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com