Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BB-RPS-V3-PSE Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # BB-RPS-V3-PSE
Description  FLEXIBLE, MODULAR LAN ROUTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-RPS-V3-PSE Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  BB-RPS-V3-PSE Datasheet HTML 1Page - Advantech Co., Ltd. BB-RPS-V3-PSE Datasheet HTML 2Page - Advantech Co., Ltd. BB-RPS-V3-PSE Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.advantech-bb.com / Enabling an Intelligent Planet
All product specifications are subject to change without notice.
SmartFlex SR300
FLEXIBLE, MODULAR LAN ROUTER
+ Powerful CPU and enhanced memory
+ Extended operational temperature range from -40 °C to +75 °C
+ 10-60 VDC operation with transient and reverse polarity voltage
protection
+ MicroSD card holder, In/Out, USB Host
+ Low power consumption mode for solar and battery power applications
+ Optional industrial grade Wi-Fi
+ Optional PoE PSE or PoE PD on ETH0 and ETH1
+ Advanced security features
The SmartFlex SR300 router provides secure Internet
connectivity for devices and LANs via the WAN networks. It
can be used to provide automatic wireless failover for wired
networks, wireless connectivity for devices in remote locations
where cable connections are impractical, and wireless
connectivity for mobile assets. With upload speeds of up to 100
Mbit/s and download speeds of up to 100 Mbps, the SmartFlex
SR300 provides ample bandwidth, even for applications that
require video.
The SmartFlex SR300 places intelligence at the network edge
with an extremely powerful Cortex A8 CPU at 1GHz, 256 MB
flash memory, 512 MB RAM and 128kB M-RAM, providing
full support for LAN speeds and applications. A secure Web
interface allows users to configure and manage SmartFlex
SR300 from remote locations. The router can also upgrade its
configuration and firmware from the operator’s central server,
allowing for simultaneous mass reconfiguration of every router
on the network. Users may insert Linux scripts and they can
create multiple configurations for the same router. Users may
switch from one configuration to another at any time.
The standard configuration includes 5 Ethernet ports with 3
independent LANs/ IP addresses. The standard configuration
also includes 1 USB host port, 1 microSD card holder, 2 binary
inputs(I/O) . An optional built-in Wi-Fi module is also available,
with industrial grade operating temperature ranges from -40 to
+75 °C.
The SmartFlex SR300 supports real time data encryption and
the creation of VPN tunnels using IPsec, OpenVPN and L2TP. It
supports DHCP, NAT, NAT-T, DynDNS, NTP, VRRP, and numerous
other functions, as well as additional software like SmartCluster
VPN Server and R-SeeNet. other functions, as well as additional
software like SmartCluster VPN Server and R-SeeNet.
SmartFlex Family
2x ETH, 1x USB, 2x BI, 1x BO, MicroSD reader
BB - SR3 00 XXXXX - YYYY
No SmartWorx HUB
SWH
SmartWorx HUB
Accessories
0
No Accessories (DIN holder included)
1
Accessories with EU power supply
5
International Power Supply (EU, US, UK, AUS)
Enclosure
1
Plastic enclosure
2
Metal enclosure
Interfaces
0
No optional port
1
3x ETH Switch
PoE
0
No PoE
8
PoE PSE
9
PoE PD
WiFi
0
No Wi
1
WiFi (TI 2.4 & 5 GHz)
Router version
00
Wired version
Router Management Software consisting of two parts:
R-SeeNet Server application can be programmed to automatically send SNMP
queries (Simple Network Management Protocol) to each router defined in the
network. The application retrieves status information from the routers and
records it in the SQL database.
R-SeeNet PHP is a web-based application that accesses the SQL database and
provides the network administrator detailed information on individual routers
and network health.
WebAccess/DMP takes management of your devices to new levels of flexibility
and efficiency. Giving you a complete view of your installed device population,
SmartWorx Hub delivers invaluable configuration, diagnostic and management
facilities directly to your desktop, wherever you are.
Manage a single device or your entire device population at the same time. Whether you
need to modify configuration parameters, download or upgrade installed firmware
and applications or view detailed information regarding network statistics, you can
do it all from any location.
Note: Check with your local distributor for availability, options, and HW configuration.
Contact Advantech B+B SmartWorx distributors.
SmartFlex_SR300 October 23, 2019 3:27 PM


Similar Part No. - BB-RPS-V3-PSE

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BB-RPS-V3-PSE ADVANTECH-BB-RPS-V3-PSE Datasheet
305Kb / 2P
FLEXIBLE, MODULAR LAN ROUTER
December 7, 2017 10:46 AM
BB-RPS-V3-PSE ADVANTECH-BB-RPS-V3-PSE Datasheet
363Kb / 3P
FLEXIBLE, MODULAR LAN ROUTER
February 15, 2018 10:23 AM
BB-RPS-V3-PSE ADVANTECH-BB-RPS-V3-PSE Datasheet
609Kb / 4P
FLEXIBLE, MODULAR LTE ROUTER
February 15, 2018 1:01 PM
BB-RPS-V3-PSE ADVANTECH-BB-RPS-V3-PSE Datasheet
654Kb / 4P
FLEXIBLE, MODULAR LTE ROUTER
September 25, 2019 12:08 PM
BB-RPS-V3-PSE ADVANTECH-BB-RPS-V3-PSE Datasheet
608Kb / 4P
FLEXIBLE, ADAPTABLE LTE ROUTER
February 27, 2018 9:06 AM
More results

Similar Description - BB-RPS-V3-PSE

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
TM11R-5M2-88-LP HIROSE-TM11R-5M2-88-LP Datasheet
296Kb / 5P
Subminiature, LAN Modular Jack Connectors
logo
Omron Electronics LLC
XM9B OMRON-XM9B Datasheet
304Kb / 4P
Compact LAN Modular Jack Connectors
logo
Advantech Co., Ltd.
ICR-3201 ADVANTECH-ICR-3201 Datasheet
599Kb / 4P
INDUSTRIAL IoT LAN ROUTER & GATEWAY
June 3, 2020
logo
List of Unclassifed Man...
QUARTZ-ONYX ETC-QUARTZ-ONYX Datasheet
505Kb / 3P
5G 4 x LAN, Dual SIM, Low Latency Industrial Router
Rev 1.1
logo
Advantech Co., Ltd.
SR300 ADVANTECH-SR300 Datasheet
305Kb / 2P
FLEXIBLE, MODULAR LAN ROUTER
December 7, 2017 10:46 AM
SR300 ADVANTECH-SR300_V01 Datasheet
363Kb / 3P
FLEXIBLE, MODULAR LAN ROUTER
February 15, 2018 10:23 AM
SR303 ADVANTECH-SR303_V03 Datasheet
609Kb / 4P
FLEXIBLE, MODULAR LTE ROUTER
February 15, 2018 1:01 PM
SR303 ADVANTECH-SR303_V04 Datasheet
654Kb / 4P
FLEXIBLE, MODULAR LTE ROUTER
September 25, 2019 12:08 PM
SR305 ADVANTECH-SR305 Datasheet
608Kb / 4P
FLEXIBLE, ADAPTABLE LTE ROUTER
February 27, 2018 9:06 AM
SR305 ADVANTECH-SR305_V01 Datasheet
639Kb / 4P
FLEXIBLE, ADAPTABLE LTE ROUTER
September 5, 2019 8:54 AM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com