Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C45C5 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # C45C5
Description  PNP SILICON EPITAXIAL POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

C45C5 Datasheet(HTML) 1 Page - Continental Device India Limited

  C45C5 Datasheet HTML 1Page - Continental Device India Limited C45C5 Datasheet HTML 2Page - Continental Device India Limited C45C5 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PNP SILICON EPITAXIAL POWER TRANSISTORS
C45C5,11
TO-220
Designed for Various Specific and General Purpose Applications.
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C)
DESCRIPTION
SYMBOL
C45C5
C45C11
UNIT
Collector -Emitter Voltage
VCEO
45
80
V
Collector -Emitter Voltage
VCES
55
90
V
Emitter Base Voltage
VEBO
5
5
V
Collector Current Continuous
IC
4
4
A
Peak*
ICM
6
6
A
Base Current
IB
2
2
A
Power Dissipation @ Ta=25 deg C
PD
1.67
1.67
W
Power Dissipation @ Tc=25 deg C
30
30
W
Operating and Storage Junction
Tj, Tstg
-55 to +150
55 to +150
deg C
Temprature Range
THERMAL RESISTANCE
Junction to Ambient
Rth(j-a)
75
75
deg C
Junction to Case
Rth(j-c)
4.2
4.2
deg C
ELECTRICAL CHARACTERISTICS (TC=25 deg C Unless Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Emitter Sustaining Voltage
VCEO(sus)* IC=100mA, IB=0
C45C5
45
-
-
V
C45C11
80
-
-
V
Collector Cutt off Current
ICES
VCE=Rated VCES
-
-
10
uA
Emitter Cut off Current
IEBO
VEB=5V, IC=0
-
-
100
uA
Collector Emitter Saturation Voltage
VCE(Sat)*
IC=1A, IB=50mA
-
-
0.5
V
Base Emitter Saturation Voltage
VBE(Sat)*
IC=1A, IB=100mA
-
-
1.3
V
Dc Current Gain
hFE*
IC=0.2A, VCE=1V
40
-
120
IC=1A, VCE=1V
20
-
-
Dynamic Characteristics
Transition Frequency
ft
VCE=4V, IC=20mA
-
40
-
MHz
Collector Output Capacitance
Ccbo
VCB=10V, IE=0
-
-
125
pF
f=1MHz
Switching Time
Delay Time
td +tr
-
50
-
ns
Rise Time
IC= 1A, IB1=1B2
Storage Time
ts
0.1A, VCC=30V,
-
500
-
ns
Fall Time
tf
tp=25 usec
-
50
-
ns
*Pulse Test Pulse Width =300ms, Duty Cycle=2%
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - C45C5

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
C45C5 RECTRON-C45C5 Datasheet
76Kb / 3P
TO-220 - Power Transistors and Darlingtons
More results

Similar Description - C45C5

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
BD242 MICRO-ELECTRONICS-BD242 Datasheet
98Kb / 2P
PNP SILICON EPITAXIAL BASE POWER TRANSISTORS
logo
Micro Commercial Compon...
2SB1197 MCC-2SB1197 Datasheet
70Kb / 2P
PNP Silicon Epitaxial Transistors
2SA1213-O MCC-2SA1213-O Datasheet
480Kb / 4P
PNP Silicon Epitaxial Transistors
2SB1386-P MCC-2SB1386-P Datasheet
376Kb / 4P
PNP Silicon Epitaxial Transistors
logo
ON Semiconductor
BCP53-16T1G ONSEMI-BCP53-16T1G Datasheet
141Kb / 5P
PNP Silicon Epitaxial Transistors
November, 2011 ??Rev. 8
BCP53T1G ONSEMI-BCP53T1G Datasheet
141Kb / 5P
PNP Silicon Epitaxial Transistors
November, 2011 ??Rev. 8
BCP53-16T3G ONSEMI-BCP53-16T3G Datasheet
100Kb / 5P
PNP Silicon Epitaxial Transistors
February, 2011 ??Rev. 3
logo
Micro Commercial Compon...
2SA1464-P MCC-2SA1464-P Datasheet
627Kb / 4P
PNP Silicon Epitaxial Transistors
2SB1182-P MCC-2SB1182-P_13 Datasheet
509Kb / 4P
PNP Silicon Epitaxial Transistors
logo
FutureWafer Tech Co.,Lt...
BCP69 FUTUREWAFER-BCP69 Datasheet
1Mb / 9P
PNP Silicon Epitaxial Transistors
24-NOV-2021 V 2.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com