Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD9581 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CD9581
Description  NPN SILICON EPITAXIAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CD9581 Datasheet(HTML) 1 Page - Continental Device India Limited

  CD9581 Datasheet HTML 1Page - Continental Device India Limited CD9581 Datasheet HTML 2Page - Continental Device India Limited CD9581 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON EPITAXIAL TRANSISTOR
CD9581
TO-92
CBE
General Purpose Transistor.
ABSOLUTE MAXIMUM RATINGS(Ta=25deg C )
DESCRIPTION
SYMBOL
VALUE
UNIT
Collector -Base Voltage
VCBO
60
V
Collector -Emitter Voltage
VCEO
40
V
Emitter Base Voltage
VEBO
7.0
V
Collector Current
IC
100
mA
Power Dissipation
PD
500
mW
Operating & Storage Junction
TJ, Tstg
-65 to +125
deg C
Temperature Range
Lead Temperature for Soldering 1/16"
TL
280
deg C
From Body, For 10 Seconds
THERMAL RESISTANCE
Junction to Ambient
Rth(j-a)
200
deg C/W
ELECTRICAL CHARACTERISTICS (Ta=25 +- 3 deg C Unless Otherwise Specified)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
MAX
UNIT
Collector -Base Voltage
VCBO
IC=10uA, IE=0
60
-
V
Collector -Emitter Voltage
VCEO*
IC=1mA, IB=0
40
-
V
Emitter- Base Voltage
VEBO
IE=100uA, IC=0
7.0
-
V
Collector Cut-off Current
ICBO
VCB=40V, IE=0
-
50
nA
ICEO
VCE=35V, IB=0
-
1.0
uA
Emitter Cut -off Current
IEBO
VEB=7V, IC=0
-
200
nA
Forward Current Transfer Ratio
hFE
IC=10mA,VCE=10V
150
300
IC=100uA,VCE=10V
50
-
Collector Emitter (Sat) Voltage
VCE(Sat) * IC=50mA,IB=10mA
-
0.22
V
DYNAMIC CHARACTERISTICS
Cut off frequency
ft
VCE=5V, IC=10mA
100
350
MHz
Noise Figure
NF
VCE=5V, IC=12uA
-
12
dB
f=1kHz, Rs=k ohm
Fead Back Capacitance
Cre
VCB=10V, f=1MHz
-
4.0
pF
Forward Current Transfer Ratio(A.C)
hfe
IC=0.5mA, VCE=5V,
100
-
f=50 kHz
*Pulse test 300us Duty Cycle=2%
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CD9581

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CD958B CDI-DIODE-CD958B Datasheet
114Kb / 2P
0.5 WATT CAPABILITY WITH PROPER HEAT SINKING
More results

Similar Description - CD9581

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com