Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECU-1251TL-R10AAE Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # ECU-1251TL-R10AAE
Description  Factory Energy Management Solution
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ECU-1251TL-R10AAE Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  ECU-1251TL-R10AAE Datasheet HTML 1Page - Advantech Co., Ltd. ECU-1251TL-R10AAE Datasheet HTML 2Page - Advantech Co., Ltd. ECU-1251TL-R10AAE Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
E&E & M2I/E&E Solution Ready Package
EMS Software Specifications
General
ƒ
Database
Microsoft SQL Server Express 2012
ƒ
Office
Office 2016
ƒ
Report Export Format
Excel
ƒ
Display Resolution
1920 x 1080 (Optimal)
ƒ
Cross Browser and Platform
Yes
ƒ
Language
Simplified Chinese/Traditional Chinese/
English
ƒ
Browser
Internet Explorer: IE 11
Chrome: Version 50 or above
Safari: Version 7 or above
Data Refresh and Response Time
Items
Refresh
Response
Device Communication
Status
5 s
< 5s (Affected by the network channel
delay and controlled equipment)
Real-time Data
5 s
< 5s (Affected by the network channel
delay and controlled equipment)
Weather Information
1 min
< 5s (Affected by the network channel
delay and controlled equipment)
Demand Data
1 min
< 5s (Affected by the network channel
delay and controlled equipment)
Energy Consumption
Data
15 min
< 5s (Affected by the network channel
delay and controlled equipment)
Electricity Cost Data
1 day
< 5s (Affected by the network channel
delay and controlled equipment)
Energy Consumption
Data for per Unit
Capacity
1 day
< 5s (Affected by the network channel
delay and controlled equipment)
Capacity
ƒ
Maximum Number of I/O Tags
5000
ƒ
Maximum Number of Meters
50
ƒ
Maximum Number of Energy
50
Consumption Items
ƒ
Maximum Number of Building
1
ƒ
Maximum Number of
100
Building floors
ƒ
Maximum Number of Areas
100
ƒ
Maximum Number of Meters
10
for Each Area
ƒ
Maximum Number of
100
Virtual Meters
ƒ
Maximum Number of Groups for 100
Each Organization
ƒ
Maximum Number of
20
Organizations
ƒ
Maximum Data Retention Period 20 years
Platform Specifications
EMS Server
ƒ
Certification
CE, FCC, UL, CCC, BSMI
ƒ
CPU
Intel Haswell Core i7 4650U dual-core
ƒ
Memory
8GB
ƒ
Storage
1 x 2.5" HDD 500GB, 1 x 2.5" HDD 1TB
ƒ
Ethernet Port
4 x 10/100/1000 1000Base-T RJ45 ports
ƒ
Operating System
Windows 7 Embedded Pro.
ƒ
Framework
.Net Framework 4.0
ƒ
Web Server
IIS 6.1
Data Gateway
ƒ
Certification
CE, FCC, BSMI
ƒ
CPU
TI Cortex A8, 800MHz
ƒ
Storage
2 x 1GB Micro-SD card, one for system storage and
another one for data storage
ƒ
Ethernet Port
2 x 10/100 Base-T RJ-45 ports
ƒ
Wireless (Optional)
Interface: 1 x Mini-PCIe (Full-size, signal: USB)
ƒ
Configuration Tool
Advantech TagLink Studio
ƒ
Protocol Support
Modbus, IEC-60870-104(slave)
Ordering Information
ƒ
SRP-EEM351-T0A
1 x ECU-1251 with Advantech TagLink and 1GB
Micro-SD card, 1 x UNO-2483G-474AE with Intel
i7- 4650U, 8G RAM, 500G HDD, 1TB HDD, WES7P,
Office 2016, WebAccess/SCADA 8.2 Pro. 5000 tags,
WebAccess/EMS, SQL Server Express 2012
Extension Solution
Gateway
ƒ
ECU-1251TL-R10AAE
TI Cortex A8 Industrial Communication Gateway with
2 x LAN, 4 x COM, 1 x Mini-PCIe
Wi-Fi Solution for ECU-1251
ƒ
9656EWMG00E
Half to full-size Mini PCIe bracket pack
ƒ
EWM-W150H02E
Half-size mini card, supports 802.1 1bgn
ƒ
1750006043
SMA (M) cable, 15cm
ƒ
1750000318
2dBi antenna for testing, 11cm
Storage Solution for ECU-1251
ƒ
96FMMSDI-1G-ET-AT1 ATP 1G MICRO SD CARD I-GRD SLC (G)
Wireless AP
ƒ
EKI-6332GN
IEEE802.11 b/g/n Wi-Fi AP/Client
Smart Meter
ƒ
WISE-M502-125C060E 1P2W/5Loop&100A/33.3mA input power meter
ƒ
WISE-M502-332C060E 3P3W/2Loop&60A/20mA input power meter
SRP-EEM351



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com