Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLE-12 Datasheet(PDF) 8 Page - DIWELL Electronics Co., Ltd.

Part # CLE-12
Description  Constant Current LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CLE-12 Datasheet(HTML) 8 Page - DIWELL Electronics Co., Ltd.

  CLE-12 Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. CLE-12 Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. CLE-12 Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. CLE-12 Datasheet HTML 4Page - DIWELL Electronics Co., Ltd. CLE-12 Datasheet HTML 5Page - DIWELL Electronics Co., Ltd. CLE-12 Datasheet HTML 6Page - DIWELL Electronics Co., Ltd. CLE-12 Datasheet HTML 7Page - DIWELL Electronics Co., Ltd. CLE-12 Datasheet HTML 8Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DANUBE
http://www.danube.com.tw
2016/09/12
8
PACKAGE ”W”
14
11
2
BOTTOM
VIEW
20.3[0.80]
21
100.0 10
[3.93]
±
12.2
[0.48]
5.0 2
[0.20]
±
20.3[0.80]
14
SIDE
VIEW
All dimensions are in mm[inches]
PINOUT
COMMENT
2
(Black)
-Vin
Don’t connect to
-Vout
11
(Blue)
-Vout
LED - Connection
14
(Yellow)
+Vout
LED + Connection
21
(White)
PWM
DIM
ON/OFF/PWM
Dimming
Leave open if not
used
23
(Red)
+Vin
DC Supply
NOTE:
All dimensions are in mm [inches]
1.Case Tolerance .x
or
.xx ±0.5mm
2.Wire outside diameter=1.6mm ±0.1
3.Wire core diameter =0.75mm ±0.1
4.Wire is UL 3385/CAS TEM listed #22AWG /300V /105°C
Rated
FOR MORE INFORMATION CALL:
Danube Enterprise Co., Ltd.
Tel: 886-7-3755165
Fax: 886-7-3755330
E-mail: danube@ms10.hinet.net
Home Page
http://www.danube.com.tw



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com