Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPH8R808QM Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TPH8R808QM
Description  MOSFETs Silicon N-channel MOS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPH8R808QM Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TPH8R808QM Datasheet HTML 1Page - Toshiba Semiconductor TPH8R808QM Datasheet HTML 2Page - Toshiba Semiconductor TPH8R808QM Datasheet HTML 3Page - Toshiba Semiconductor TPH8R808QM Datasheet HTML 4Page - Toshiba Semiconductor TPH8R808QM Datasheet HTML 5Page - Toshiba Semiconductor TPH8R808QM Datasheet HTML 6Page - Toshiba Semiconductor TPH8R808QM Datasheet HTML 7Page - Toshiba Semiconductor TPH8R808QM Datasheet HTML 8Page - Toshiba Semiconductor TPH8R808QM Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TPH8R808QM
2
4. Absolute Maximum Ratings (Note) (Ta = 25 � unless otherwise specified)
Characteristics
Drain-source voltage
Gate-source voltage
Drain current (DC)
Drain current (DC)
Drain current (pulsed)
Power dissipation
Power dissipation
Power dissipation
Single-pulse avalanche energy
Single-pulse avalanche current
Channel temperature
Storage temperature
(Tc = 25 �)
(Silicon limit)
(t = 100 µs)
(Tc = 25 �)
(Note 1)
(Note 1), (Note 2)
(Note 1)
(Note 3)
(Note 4)
(Note 5)
(Note 5)
Symbol
VDSS
VGSS
ID
ID
IDP
PD
PD
PD
EAS
IAS
Tch
Tstg
Rating
80
±20
52
79
200
109
3
0.96
33
52
175
-55 to 175
Unit
V
A
W
mJ
A
�
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note:
This product is not designed for radiation resistance or cosmic ray resistance, and these natural
environmentalfactors may affect reliability.
In addition, radiation from the constituent materials of the product also becomes a natural environmental factor,
which may affect reliability.
5. Thermal Characteristics
Characteristics
Channel-to-case thermal resistance
Channel-to-ambient thermal resistance
Channel-to-ambient thermal resistance
(Tc = 25 �)
(Ta = 25 �)
(Ta = 25 �)
(Note 3)
(Note 4)
Symbol
Rth(ch-c)
Rth(ch-a)
Rth(ch-a)
Max
1.37
50
156
Unit
�/W
Note 1: Ensure that the channel temperature does not exceed 175 �.
Note 2: Limited by silicon chip capability.
Note 3: Device mounted on a glass-epoxy board (a), Figure 5.1
Note 4: Device mounted on a glass-epoxy board (b), Figure 5.2
Note 5: VDD = 64 V, Tch = 25 � (initial), L =9.6 µH, IAS =52 A
Fig. 5.1
Device Mounted on a Glass-Epoxy
Board (a)
Fig. 5.2
Device Mounted on a Glass-Epoxy
Board (b)
Note:
This transistor is sensitive to electrostatic discharge and should be handled with care.
2022-09-28
Rev.2.0
©2021-2022
Toshiba Electronic Devices & Storage Corporation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com