Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFD1275R Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CFD1275R
Description  NPN SILICON PLANAR DALINGTON POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CFD1275R Datasheet(HTML) 1 Page - Continental Device India Limited

  CFD1275R Datasheet HTML 1Page - Continental Device India Limited CFD1275R Datasheet HTML 2Page - Continental Device India Limited CFD1275R Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NPN SILICON PLANAR DALINGTON POWER TRANSISTORS
CFD1275, CFD1275A
TO-220FP Fully Isolated
Plastic Package
Complementary CFB949, CFB949A
ABSOLUTE MAXIMUM RATINGS (Ta=25ºC)
DESCRIPTION
SYMBOL
Collector Base Voltage
VCBO
Collector Emitter Voltage
VCEO
Emitter Base Voltage
VEBO
RMS Isolation Voltage (for 1sec, R.H.
** VISOL (a)
<30%, Ta = 25
oC)
(b)
Collector Current Peak
ICP
Collector Current
IC
Collector Power Dissipation @Tc=25
oC
PC
@Ta=25
oC
Junction Temperature
Tj
Storage Temperature Range
Tstg
** RMS Isolation Voltage: (a) 3500 VRMS with Package in Clip Mounting Position (b) 1500 VRMS with Package
in Screw Mounting Position (for 1sec, R.H.<30%, Ta=25
oC; Pulse Test: Pulse Width <300
µµs, Duty Cycle<2%)
ELECTRICAL CHARACTERISTICS (Ta=25ºC unless specified otherwise)
DESCRIPTION
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
Collector Cut Off Current
ICBO
VCB =60V, IE=0, CFD1275
1.0
mA
VCB =80V, IE=0, CFD1275A
1.0
mA
Collector Cut Off Current
ICEO
VCE =30V, IB=0, CFD1275
2.0
mA
VCE =40V, IB=0, CFD1275A
2.0
mA
Emitter Cut Off Current
IEBO
VEB =5V, IC=0
2.0
mA
Collector Emitter Voltage
VCEO
IC=30mA, IB=0
CFD1275
60
V
CFD1275A
80
V
DC Current Gain
hFE
VCE =4V, IC =1A
1000
*hFE
VCE =4V, IC =2A
1000
10000
Collector Emitter Saturation Voltage
VCE(sat)
IC =2A, IB =8mA
2.5
V
Base Emitter On Voltage
VBE
VCE =4V, IC =2A
2.8
V
Turn On Time
ton
0.5
µs
Storage Time
tstg
4.0
µs
Fall Time
tr
1.0
µs
*hFE Classification
A
CFD1275
CFD1275A
W
UNIT
V
V
1500
2
35
ºC
V
VRMS
VRMS
A
W
150
4
60
80
60
80
5
3500
2
- 55 to +150
ºC
IC =2A, IB1 = - IB2=8mA
R : 1000 - 2500
Q : 2000 - 5000
P : 4000 - 10000
Continental Device India Limited
Data Sheet
Page 1 of 3
Continental Device India Limited
An ISO/TS 16949, ISO 9001 and ISO 14001 Certified Company


Similar Part No. - CFD1275R

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
CFD1264 CDIL-CFD1264 Datasheet
105Kb / 3P
NPN SILICON PLANAR POWER TRANSISTORS
CFD1264A CDIL-CFD1264A Datasheet
105Kb / 3P
NPN SILICON PLANAR POWER TRANSISTORS
CFD1264AP CDIL-CFD1264AP Datasheet
105Kb / 3P
NPN SILICON PLANAR POWER TRANSISTORS
CFD1264AQ CDIL-CFD1264AQ Datasheet
105Kb / 3P
NPN SILICON PLANAR POWER TRANSISTORS
CFD1264P CDIL-CFD1264P Datasheet
105Kb / 3P
NPN SILICON PLANAR POWER TRANSISTORS
More results

Similar Description - CFD1275R

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTX452 ZETEX-ZTX452 Datasheet
47Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
ZTX454 ZETEX-ZTX454 Datasheet
50Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
List of Unclassifed Man...
BD127 ETC1-BD127 Datasheet
118Kb / 2P
SILICON NPN PLANAR POWER TRANSISTORS
logo
Continental Device Indi...
CFC3944 CDIL-CFC3944 Datasheet
105Kb / 3P
NPN SILICON PLANAR POWER TRANSISTORS
CFD1264 CDIL-CFD1264 Datasheet
105Kb / 3P
NPN SILICON PLANAR POWER TRANSISTORS
logo
Savantic, Inc.
BD643 SAVANTIC-BD643 Datasheet
92Kb / 3P
Silicon NPN Dalington Power Transistors
logo
Inchange Semiconductor ...
BD643 ISC-BD643 Datasheet
132Kb / 3P
Silicon NPN Dalington Power Transistors
logo
New Jersey Semi-Conduct...
2N2811 NJSEMI-2N2811 Datasheet
146Kb / 1P
SILICON PLANAR NPN POWER TRANSISTORS
2N5661 NJSEMI-2N5661 Datasheet
80Kb / 1P
SILICON PLANAR NPN POWER TRANSISTORS
2N5664 NJSEMI-2N5664 Datasheet
73Kb / 1P
SILICON PLANAR NPN POWER TRANSISTORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com